Electronic Components Datasheet Search
  English  ▼

X  

6448-028 Datasheet(PDF) 1 Page - API Delevan

Part # 6448-028
Description  VDE PC Mount Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

6448-028 Datasheet(HTML) 1 Page - API Delevan

  6448-028 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
SERIES
6443R-6448R
6443-6448
VDE PC Mount Transformers
UL Certified Recognized component Underwriters
Labs, Inc®; CSA Labeled
Primary Voltage Available in either 115V or dual 115/230V
Operating Frequency 50/60 Hz
Operating Temperature 130°C
4000 V RMS Hipot
Split bobbin non-concentric winding
Designed to pass VDE creepage distance
Note Dots on schematic indicate like polarity
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
SECONDARY
VOLTAGE
SECONDARY
CURRENT
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
B
B
B
B
B
B
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
2
0.50
0.40
0.30
0.24
0.20
0.18
0.14
1.00
0.80
0.62
0.50
0.42
0.36
0.28
2.00
1.60
1.25
1.00
0.84
0.73
0.56
4.00
3.30
2.50
2.00
1.66
1.44
1.12
6.00
4.80
3.80
3.00
2.50
2.12
1.64
11.20
8.80
7.00
5.60
4.66
4.00
3.12
0.250
0.200
0.150
0.120
0.100
0.090
0.070
0.500
0.400
0.310
0.250
0.210
0.180
0.140
1.000
0.800
0.620
0.500
0.420
0.360
0.280
2.000
1.600
1.250
1.000
0.830
0.720
0.560
3.000
2.400
1.900
1.500
1.250
1.060
0.820
5.600
4.400
3.500
2.800
2.330
2.000
1.560
5.0
6.3
8.0
10.0
12.0
14.0
18.0
5.0
6.3
8.0
10.0
12.0
14.0
18.0
5.0
6.3
8.0
10.0
12.0
14.0
18.0
5.0
6.3
8.0
10.0
12.0
14.0
18.0
5.0
6.3
8.0
10.0
12.0
14.0
18.0
5.0
6.3
8.0
10.0
12.0
14.0
18.0
10.0
12.6
16.0
20.0
24.0
28.0
36.0
10.0
12.6
16.0
20.0
24.0
28.0
36.0
10.0
12.6
16.0
20.0
24.0
28.0
36.0
10.0
12.6
16.0
20.0
24.0
28.0
36.0
10.0
12.6
16.0
20.0
24.0
28.0
36.0
10.0
12.6
16.0
20.0
24.0
28.0
36.0
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
115/230
2.5
2.5
2.5
2.5
2.5
2.5
2.5
5
5
5
5
5
5
5
10
10
10
10
10
10
10
20
20
20
20
20
20
20
30
30
30
30
30
30
30
56
56
56
56
56
56
56
in.
1.63
1.63
1.88
2.25
2.63
3.00
mm
41.40
41.40
47.75
57.15
66.80
76.20
in.
1.44
1.44
1.56
1.88
2.19
2.50
mm
36.58
36.58
39.62
47.75
55.63
63.50
in.
1.13
1.38
1.38
1.63
1.56
1.81
mm
28.70
35.05
35.05
41.40
39.62
45.97
in.
0.20
0.20
0.20
0.40
0.28
0.30
mm
5.08
5.08
5.08
10.16
7.11
7.62
in.
0.25
0.40
0.40
0.40
—
—
mm
6.35
10.16
10.16
10.16
—
—
in.
1.00
1.00
1.14
1.46
1.68
1.90
mm
25.40
25.40
28.96
37.08
42.67
48.26
in.
0.025
0.025
0.036
0.036
0.045
0.045
mm
0.63
0.63
0.91
0.91
1.14
1.14
in.
1.06
1.06
1.25
1.50
1.75
2.00
mm
26.92
26.92
31.75
38.10
44.45
50.80
in.
—
—
—
—
2.19
2.50
mm
—
—
—
—
55.63
63.50
lbs.
0.25
0.37
0.53
0.90
1.15
1.70
kg
113
167
240
408
521
771
4
4
4
4
6
6
8
8
8
12
12
12
L
Physical Parameters & Mounting Information
WH
A
B
C
Pin width
(sq.)
MW
ML
Weight
6443
6444
6445
6446
6447
6448
1/2009
6443-010
6443-012
6443-016
6443-020
6443-024
6443-028
6443-036
6444-010
6444-012
6444-016
6444-020
6444-024
6444-028
6444-036
6445-010
6445-012
6445-016
6445-020
6445-024
6445-028
6445-036
6446-010
6446-012
6446-016
6446-020
6446-024
6446-028
6446-036
6447-010
6447-012
6447-016
6447-020
6447-024
6447-028
6447-036
6448-010
6448-012
6448-016
6448-020
6448-024
6448-028
6448-036
API_newlayouts_single:APIcatalog_newlayouts 6/28/11 4:12 PM Page 136


Similar Part No. - 6448-028

ManufacturerPart #DatasheetDescription
logo
API Delevan
6448-028 API-6448-028 Datasheet
1Mb / 1P
VDE PC Mount Transformers
6448-028 API-6448-028 Datasheet
1Mb / 1P
VDE PC Mount Transformers
6448-028 API-6448-028 Datasheet
1Mb / 1P
VDE PC Mount Transformers
More results

Similar Description - 6448-028

ManufacturerPart #DatasheetDescription
logo
API Delevan
6023-036 API-6023-036 Datasheet
1Mb / 1P
Horizontal PC Power Transformers
6024-020 API-6024-020 Datasheet
1Mb / 1P
Horizontal PC Power Transformers
6014R-010 API-6014R-010 Datasheet
1Mb / 1P
Horizontal PC Power Transformers
6015-010 API-6015-010 Datasheet
1Mb / 1P
Horizontal PC Power Transformers
6022-010 API-6022-010 Datasheet
1Mb / 1P
Horizontal PC Power Transformers
6022R-010 API-6022R-010 Datasheet
1Mb / 1P
Horizontal PC Power Transformers
6443-010 API-6443-010 Datasheet
1Mb / 1P
VDE PC Mount Transformers
6444-010 API-6444-010 Datasheet
1Mb / 1P
VDE PC Mount Transformers
6444R-010 API-6444R-010 Datasheet
1Mb / 1P
VDE PC Mount Transformers
logo
PHOENIX CONTACT
1212205 PHOENIX-1212205 Datasheet
47Kb / 3P
Tool - UNIFOX-PC VDE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com