Electronic Components Datasheet Search
  English  ▼

X  

IRH7250 Datasheet(PDF) 1 Page - International Rectifier

Part # IRH7250
Description  REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRH7250 Datasheet(HTML) 1 Page - International Rectifier

  IRH7250 Datasheet HTML 1Page - International Rectifier IRH7250 Datasheet HTML 2Page - International Rectifier IRH7250 Datasheet HTML 3Page - International Rectifier IRH7250 Datasheet HTML 4Page - International Rectifier IRH7250 Datasheet HTML 5Page - International Rectifier IRH7250 Datasheet HTML 6Page - International Rectifier IRH7250 Datasheet HTML 7Page - International Rectifier IRH7250 Datasheet HTML 8Page - International Rectifier IRH7250 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRH7250
200V
0.11
Ω
26A
IRH8250
200V
0.11
Ω
26A
Features:
n Radiation Hardened up to 1 x 106 Rads (Si)
n Single Event Burnout (SEB) Hardened
n Single Event Gate Rupture (SEGR) Hardened
n Gamma Dot (Flash X-Ray) Hardened
n Neutron Tolerant
n Identical Pre- and Post-Electrical Test Conditions
n Repetitive Avalanche Rating
n Dynamic dv/dt Rating
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
Absolute Maximum Ratings

Parameter
IRH7250, IRH8250
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
26
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
16
IDM
Pulsed Drain Current
‚
104
PD @ TC = 25°C
Max. Power Dissipation
150
W
Linear Derating Factor
1.2
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy
ƒ
500
mJ
IAR
Avalanche Current
‚
26
A
EAR
Repetitive Avalanche Energy
‚
15
mJ
dv/dt
Peak Diode Recovery dv/dt
„
5.0
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10s)
Weight
11.5 (typical)
g
PD - 90697B
Pre-Irradiation
200Volt, 0.11
Ω
Ω
Ω
Ω
Ω, MEGA RAD HARD HEXFET
International Rectifier’s RAD HARD technology
HEXFETs demonstrate excellent threshold voltage
stability and breakdown voltage stability at total
radiaition doses as high as 1x106 Rads(Si). Under
identical pre- and post-irradiation test conditions, In-
ternational Rectifier’s RAD HARD HEXFETs retain
identical electrical specifications up to 1 x 105 Rads
(Si) total dose. No compensation in gate drive circuitry
is required. These devices are also capable of surviv-
ing transient ionization pulses as high as 1 x 1012 Rads
(Si)/Sec, and return to normal operation within a few
microseconds. Since the RAD HARD process utilizes
International Rectifier’s patented HEXFET technology,
the user can expect the highest quality and reliability
in the industry.
RAD HARD HEXFET transistors also feature all of
the well-established advantages of MOSFETs, such
as voltage control, very fast switching, ease of paral-
leling and temperature stability of the electrical pa-
rameters. They are well-suited for applications such
as switching power supplies, motor controls, invert-
ers, choppers, audio amplifiers and high-energy
pulse circuits in space and weapons environments.
oC
A
REPETITIVE AVALANCHE AND dv/dt RATED
IRH7250
HEXFET® TRANSISTOR
IRH8250
www.irf.com
1
10/14/98
N CHANNEL
MEGA HARD RAD


Similar Part No. - IRH7250

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRH7250 IRF-IRH7250 Datasheet
266Kb / 12P
Simple Drive Requirements
IRH7250SE IRF-IRH7250SE Datasheet
120Kb / 8P
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-204AA/AE)
IRH7250SE IRF-IRH7250SE Datasheet
121Kb / 8P
Simple Drive Requirements
IRH7250SE IRF-IRH7250SE_15 Datasheet
121Kb / 8P
Simple Drive Requirements
IRH7250 IRF-IRH7250_15 Datasheet
266Kb / 12P
Simple Drive Requirements
More results

Similar Description - IRH7250

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHF7230 IRF-IRHF7230 Datasheet
302Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRFV360 IRF-IRFV360 Datasheet
207Kb / 8P
REPETITIVE AVALANCHE RATED AND dv/dt RATED HEXFET TRANSISTOR
IRFE420 IRF-IRFE420 Datasheet
136Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
IRHF7130 IRF-IRHF7130 Datasheet
291Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHM7160 IRF-IRHM7160 Datasheet
137Kb / 8P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHE7110 IRF-IRHE7110 Datasheet
320Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHM7230 IRF-IRHM7230 Datasheet
301Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRH7450 IRF-IRH7450 Datasheet
312Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRFE9130 IRF-IRFE9130 Datasheet
203Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHF7310SE IRF-IRHF7310SE Datasheet
39Kb / 4P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com