Electronic Components Datasheet Search
  English  ▼

X  

1036748 Datasheet(PDF) 4 Page - SICK AG

Part # 1036748
Description  MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1036748 Datasheet(HTML) 4 Page - SICK AG

  1036748 Datasheet HTML 1Page - SICK AG 1036748 Datasheet HTML 2Page - SICK AG 1036748 Datasheet HTML 3Page - SICK AG 1036748 Datasheet HTML 4Page - SICK AG 1036748 Datasheet HTML 5Page - SICK AG 1036748 Datasheet HTML 6Page - SICK AG 1036748 Datasheet HTML 7Page - SICK AG 1036748 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
VFS60A-BEPK01024 | VFS60
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
Dimensional drawing (Dimensions in mm (inch))
Blind hollow shaft, cable outlet
45.5 (1.79)
9.4 (0.37)
3.4 (0.13)
2.5
(0.10)
min. 15 (0.59)
20°
20
(0.79)
max. 42 (1.65)
A
General tolerances according to DIN ISO 2768-mk
①  Cable diameter = 5.6 mm +/- 0.2 mm bend radius = 30 mm
4
MOTOR FEEDBACK SYSTEMS | SICK
Online data sheet | 2017-07-07 18:51:26
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com