Electronic Components Datasheet Search
  English  ▼

X  

1036747 Datasheet(PDF) 6 Page - SICK AG

Part # 1036747
Description  MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1036747 Datasheet(HTML) 6 Page - SICK AG

  1036747 Datasheet HTML 1Page - SICK AG 1036747 Datasheet HTML 2Page - SICK AG 1036747 Datasheet HTML 3Page - SICK AG 1036747 Datasheet HTML 4Page - SICK AG 1036747 Datasheet HTML 5Page - SICK AG 1036747 Datasheet HTML 6Page - SICK AG 1036747 Datasheet HTML 7Page - SICK AG 1036747 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
VFS60A-BHPK01024 | VFS60
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
Brief description
Type
Part no.
Plug connectors and cables
Head A: cable
Head B: cable
Cable: SSI, drag chain use, PUR, halogen-free, shielded
LTG-2308-MWENC
6027529
Head A: cable
Head B: cable
Cable: SSI, PUR, shielded
LTG-2411-MW
6027530
LTG-2512-MW
6027531
Head A: cable
Head B: cable
Cable: SSI, drag chain use, PUR, halogen-free, shielded
LTG-2612-MW
6028516
Head A: female connector, JST, 8-pin, straight
Head B: cable
Cable: Incremental, drag chain use, PUR, halogen-free, shielded, 3 m
DOL-0J08-G03MAA3
2046875
Head A: female connector, JST, 8-pin, straight
Head B: cable
Cable: Incremental, SSI, drag chain use, PUR, halogen-free, shielded, 5 m
DOL-0J08-G05MAA3
2046876
Head A: female connector, JST, 8-pin, straight
Head B: cable
Cable: Incremental, SSI, drag chain use, PUR, halogen-free, shielded, 0.5 m
DOL-0J08-G0M5AA3
2046873
Head A: female connector, JST, 8-pin, straight
Head B: cable
Cable: Incremental, SSI, drag chain use, PUR, halogen-free, shielded, 10 m
DOL-0J08-G10MAA3
2046877
Head A: female connector, JST, 8-pin, straight
Head B: cable
Cable: Incremental, drag chain use, PUR, halogen-free, shielded, 1.5 m
DOL-0J08-G1M5AA3
2046874
Head A: female connector, M23, 12-pin, straight
Head B: cable
Cable: Incremental, PUR, shielded, 2 m
DOL-2312-G02MLA3
2030682
Head A: female connector, M23, 12-pin, straight
Head B: cable
Cable: Incremental, drag chain use, PUR, shielded, 3 m
DOL-2312-
G03MMA3
2029213
Head A: female connector, M23, 12-pin, straight
Head B: cable
Cable: Incremental, drag chain use, PUR, shielded, 5 m
DOL-2312-
G05MMA3
2029214
Head A: female connector, M23, 12-pin, straight
Head B: cable
Cable: Incremental, PUR, shielded, 7 m
DOL-2312-G07MLA3
2030685
Head A: female connector, M23, 12-pin, straight
Head B: cable
Cable: Incremental, PUR, shielded, 10 m
DOL-2312-G10MLA3
2030688
Head A: female connector, M23, 12-pin, straight
Head B: cable
Cable: Incremental, drag chain use, PUR, shielded, 10 m
DOL-2312-
G10MMA3
2029215
Head A: female connector, M23, 12-pin, straight
Head B: cable
Cable: Incremental, PUR, shielded, 15 m
DOL-2312-G15MLA3
2030692
Head A: female connector, M23, 12-pin, straight
Head B: cable
Cable: Incremental, drag chain use, PUR, shielded, 1.5 m
DOL-2312-
G1M5MA3
2029212
Head A: female connector, M23, 12-pin, straight
Head B: cable
Cable: Incremental, PUR, shielded, 20 m
DOL-2312-G20MLA3
2030695
6
MOTOR FEEDBACK SYSTEMS | SICK
Online data sheet | 2017-07-07 18:51:26
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com