Electronic Components Datasheet Search
  English  ▼

X  

LF4BLX Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # LF4BLX
Description  3 CONDUCTOR 0.25 LONGFRAME PATCHCORD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

LF4BLX Datasheet(HTML) 1 Page - Switchcraft, Inc.

  LF4BLX Datasheet HTML 1Page - Switchcraft, Inc. LF4BLX Datasheet HTML 2Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
"L"
CABLE
LENGTH
0.25
0.50
1.14
2.28
0.10
0.21
LF
X
LONG FRAME
MOLDED PLUG
CABLE LENGTH
1 = 1 FOOT LONG
2 = 2 FEET LONG
3 = 3 FEET LONG
4 = 4 FEET LONG
5 = 5 FEET LONG
6 = 6 FEET LONG
7 = 7 FEET LONG
8 = 8 FEET LONG
9 = 9 FEET LONG
10 = 10 FEET LONG
11 = 11 FEET LONG
12 = 12 FEET LONG
CABLE JACKET COLOR
BK = BLACK
BL = BLUE
GN = GREEN
GY = GRAY
O = ORANGE
P = PURPLE
R = RED
Y = YELLOW
RoHS COMPLIANT
NOTES:
1. MATERIALS
PLUG - COPPER ALLOY, NICKEL PLATED
INSULATORS - THERMOPLASTIC, BLACK
OVERMOLD - THERMOPLASTIC, BLACK
CABLE - 24 AWG, 110 OHM, PVC JACKET
2. THESE PRODUCTS ARE RoHS COMPLIANT.
A
LF__X SERIES
3 CONDUCTOR
0.25 LONGFRAME PATCHCORD
DO NOT SCALE DRAWING
REVISIONS
APVD
BY
DATE
ECO NUMBER
REV
REV
PART No.
NAME
1. ALL DIMENSIONS IN INCHES
- TWO PLACE DECIMALS
0.02
- THREE PLACE DECIMALS
0.005
1
OF
1
SHEET
TJK
2/10/12
TJK
2/10/12
TJK
2/10/12
TJK
TJK
4/3/07
26228
A
APVD
CHKD
BY
DATE DRAWN
1:1
SCALE
FIRST USED ON
SPEC No.
SPEC No.
MATERIAL
FINISH
UNLESS OTHERWISE SPECIFIED
TEMPER
LBS/M
MULT
WIDTH
SIZE
THIS DRAWING DESCRIBES A DESIGN CONSIDERED PROPRIETARY IN NATURE, DEVELOPED AND MANUFACTURED
BY SWITCHCRAFT INC. AND IS RELEASED ON A CONFIDENTIAL BASIS FOR IDENTIFICATION PURPOSES ONLY.
A
SolidWorks CAD File
CUSTOMER DRAWING


Similar Part No. - LF4BLX

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LF4 GOOD-ARK-LF4 Datasheet
180Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
logo
National Semiconductor ...
LF400 NSC-LF400 Datasheet
218Kb / 12P
Fast-Settling JFET-Input Operational Amplifier
logo
Tyco Electronics
LF400 MACOM-LF400 Datasheet
102Kb / 2P
NEMA Cabinet Legs
logo
National Semiconductor ...
LF400A NSC-LF400A Datasheet
218Kb / 12P
Fast-Settling JFET-Input Operational Amplifier
LF400ACH NSC-LF400ACH Datasheet
218Kb / 12P
Fast-Settling JFET-Input Operational Amplifier
More results

Similar Description - LF4BLX

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
04457.60.05 GENERAL-04457.60.05 Datasheet
105Kb / 2P
3-Conductor Grounded
04497.60.05 GENERAL-04497.60.05 Datasheet
105Kb / 2P
3-Conductor Grounded
logo
Switchcraft, Inc.
LF2GYX SWITCH-LF2GYX Datasheet
121Kb / 2P
3 CONDUCTOR 0.25 LONGFRAME PATCHCORD
LF2YX SWITCH-LF2YX Datasheet
121Kb / 2P
3 CONDUCTOR 0.25 LONGFRAME PATCHCORD
LF4GNX SWITCH-LF4GNX Datasheet
121Kb / 2P
3 CONDUCTOR 0.25 LONGFRAME PATCHCORD
logo
PHOENIX CONTACT
1201679 PHOENIX-1201679 Datasheet
77Kb / 5P
Speed starter - CSS 0.25-3/3
11/10/2021
1201713 PHOENIX-1201713 Datasheet
81Kb / 6P
Speed starter - CSS 0.25-3/3-EMC
11/10/2021
logo
WAGO Kontakttechnik Gmb...
706-3340-404-300 WAGO-706-3340-404-300 Datasheet
129Kb / 2P
System cable; for Schneider Modicon M340; 8 analog inputs (current); Length: 3 m; Conductor cross-section: 0.25 mm짼
22.11.2021
logo
PHOENIX CONTACT
1201132 PHOENIX-1201132 Datasheet
77Kb / 5P
Speed starter - CSS 0.25-1/3
11/10/2021
1201520 PHOENIX-1201520 Datasheet
81Kb / 6P
Speed starter - CSS 0.25-1/3-EMC
11/10/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com