Electronic Components Datasheet Search
  English  ▼

X  

NTE15021 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE15021
Description  Integrated Circuit TV Fixed Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE15021 Datasheet(HTML) 1 Page - NTE Electronics

  NTE15021 Datasheet HTML 1Page - NTE Electronics NTE15021 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE15012 & NTE15018 thru NTE15021
Integrated Circuit
TV Fixed Voltage Regulator
Features:
D Triple Diffused Darlington Transistor Chips Incorporated
D Compact Plastic Package with Indistry Standard Reliability
D Output Voltage is Pre–Fixed – No External Adjustment is Required
Absolute Maximum Ratings:
Peak Input Voltage, VIN
200V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Current, IO
1A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TC = +100°C), PD
40W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Power Transistor Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range (TC), Topr
–30
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–30
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unles otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
NTE15018
VOUT
VAC = 100V, IIn = 6mA
114
115
116
V
NTE15021
VAC = 120V, IIn = 7mA
122
123
124
V
NTE15020
124
125
126
V
NTE15019
129
130
131
V
NTE15012
134
135
136
V
Load Regulation
∆VLOAD IO = 250mA to 500mA
–
±1
–
V
Output Voltage Temperature
Coefficient
VIN = VAC, IO = 500mA,
TC = –20° to +100°C
–
7
–
mV/
°C
Input–Output Saturation Voltage
VCE(sat) IC = 1A, IB = 0
–
–
1.5
V
Input–Output Voltage
VCEO
ICEO = 10mA, IB = 0
200
–
–
V
DC Current Gain
hFE
IC = 1A, VCE = 4V
1500
–
6500
Overload Capacity
TS/B
VCE = 100V, IC = 1A
1.0
–
–
sec
Power Transistor Thermal
Resistance
RthJC
Between Junction and Stem
Upper Surface
–
1.25
–
°C/W
Input–Output Cutoff Current
ICEO
VCE = 200V, Open
(Between Pin1 & Pin2)
–
–
100
µA
Output–Base Reverse Current
Capacity
IEB(S/B) t = 65msec
(Between Emitter–Base)
300
–
–
mA
Note 1. Recommended Case Temperature: Topr(TC) = +100°C.


Similar Part No. - NTE15021

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE15021E NTE-NTE15021E Datasheet
54Kb / 2P
Integrated Circuit Protector
More results

Similar Description - NTE15021

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE15032 NTE-NTE15032 Datasheet
22Kb / 2P
Integrated Circuit TV Fixed Voltage Regulator
NTE1678 NTE-NTE1678 Datasheet
30Kb / 3P
Integrated Circuit Switching Regulator for TV
NTE1732 NTE-NTE1732 Datasheet
32Kb / 3P
Integrated Circuit Module, Hybrid, TV Voltage Regulator w/4W Audio Output
NTE1740 NTE-NTE1740 Datasheet
20Kb / 2P
Integrated Circuit TV Fixed Voltage Regulator
NTE1776 NTE-NTE1776 Datasheet
24Kb / 2P
Integrated Circuit TV Fixed Voltage Regulator
NTE1839 NTE-NTE1839 Datasheet
23Kb / 2P
Integrated Circuit TV Fixed Voltage Regulator 120V 짹0.8V, 1A
NTE1870 NTE-NTE1870 Datasheet
22Kb / 2P
Integrated Circuit Module - Color TV Switching Regulator
NTE1896 NTE-NTE1896 Datasheet
24Kb / 2P
Integrated Circuit TV Fixed Voltage Regulator
NTE7077 NTE-NTE7077 Datasheet
21Kb / 2P
Integrated Circuit TV Fixed Voltage Regulator 110V 짹0.8V, 1A
NTE1046 NTE-NTE1046 Datasheet
78Kb / 2P
Integrated Circuit TV AFC Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com