Electronic Components Datasheet Search
  English  ▼

X  

IRKD166/08 Datasheet(PDF) 11 Page - International Rectifier

Part # IRKD166/08
Description  STANDARD RECOVERY DIODES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKD166/08 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRKD166/08 Datasheet HTML 4Page - International Rectifier IRKD166/08 Datasheet HTML 5Page - International Rectifier IRKD166/08 Datasheet HTML 6Page - International Rectifier IRKD166/08 Datasheet HTML 7Page - International Rectifier IRKD166/08 Datasheet HTML 8Page - International Rectifier IRKD166/08 Datasheet HTML 9Page - International Rectifier IRKD166/08 Datasheet HTML 10Page - International Rectifier IRKD166/08 Datasheet HTML 11Page - International Rectifier IRKD166/08 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
IRK.166, .196, .236 Series
11
Bulletin I27116 rev. C 03/02
www.irf.com
Fig.28 - On State Voltage Drop Characteristics
Fig.29 - On State Voltage Drop Characteristics
Fig.30 - On State Voltage Drop Characteristics
Fig.31 - Thermal Impedance Z
thJC Characteristics
Fig.33 - Thermal Impedance Z
thJC Characteristics
Fig.32 - Thermal Impedance Z
thJC Characteristics
Instantaneous On-state Voltage (V)
1
10
100
1000
10000
0
0.5
1
1.5
2
2.5
3
3.5
4
T = 25˚C
J
IRK.166.. Series
Per Junction
T = 150˚C
J
Instantaneous On-state Voltage (V)
1
10
100
1000
10000
0123
4
5
T = 25˚C
J
T = 150˚C
J
IRK.196.. Series
Per Junction
Instantaneous On-state Voltage (V)
1
10
100
1000
10000
0123
4
5
T = 25˚C
J
T = 150˚C
J
IRK.236.. Series
Per Junction
Square Wave Pulse Duration (s)
0.01
0.1
1
0.01
0.1
1
10
IRK.166.. Series
Steady State Value
(DC Operation)
Square Wave Pulse Duration (s)
Square Wave Pulse Duration (s)
0.01
0.1
1
0.01
0.1
1
10
Steady State Value
(DC Operation)
IRK.196.. Series
0.01
0.1
1
0.01
0.1
1
10
Steady State Value
(DC Operation)
IRK.236.. Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com