Electronic Components Datasheet Search
  English  ▼

X  

JC201DC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # JC201DC
Description  AC Solid State Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JC201DC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  JC201DC Datasheet HTML 1Page - List of Unclassifed Manufacturers JC201DC Datasheet HTML 2Page - List of Unclassifed Manufacturers JC201DC Datasheet HTML 3Page - List of Unclassifed Manufacturers JC201DC Datasheet HTML 4Page - List of Unclassifed Manufacturers JC201DC Datasheet HTML 5Page - List of Unclassifed Manufacturers JC201DC Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
182
http://www.jelsystem.co.jp
E-mail:ssr@jelsystem.co.jp
※本カタログの掲載内容については改良等の為変更する場合があります。ご使用に際しては、納入仕様書等でご確認ください。
※不明な点は弊社までお問い合わせください。
JC201DN, JC201DC
−30
0
20
40
60
80
100
12
10
8
6
4
2
0
最小トリガ電流−周囲温度特性
周囲温度 Ta〔℃〕
Ambient Temperature
Minimum Trigger Current VS.
Ambient Temperature
最
小
ト
リ
ガ
電
流
IFT
〔mA〕
(JC201DN)
(代表値)
VD=6V
RL=100Ω
−30
0
20
40
60
80
100
1.4
1.3
1.2
1.1
1.0
0.9
0.8
オン電圧−周囲温度特性
周囲温度 Ta〔℃〕
Ambient Temperature
On State Voltage Drop VS.
Ambient Temperature
オ
ン
電
圧
VT
〔V〕
(代表値)
IT=1.2A
−30
0
20406080
100
10
3
10
2
10
1
相対保持電流−周囲温度特性
周囲温度 Ta〔℃〕
Ambient Temperature
相
対
保
持
電
流
IH
IH
/
×
100%
〔 t℃〕
〔25℃〕
(代表値)
VD=6V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com