Electronic Components Datasheet Search
  English  ▼

X  

AX93276 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # AX93276
Description  I/O Board for Pico-ITX Boards
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX93276 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  AX93276 Datasheet HTML 1Page - Axiomtek Co., Ltd. AX93276 Datasheet HTML 2Page - Axiomtek Co., Ltd. AX93276 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
238
axiomtek.com
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
1
0
© 2017 Axiomtek Co., Ltd. All rights reserved.
Ordered by Optional
AX93A00
Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB 3.0, 1 x VGA,
1 x Audio (Mic-in/Line-out), 1 x power-on, 1 x Reset, 2 x LED
Dimension: 118 x 40 mm
Compliant Product: PICO310, PICO312, PICO511, PICO512, PICO313
AX93A09
Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB 2.0, 1 x Audio (Mic-in/Line-out),
1 x power-on, 1 x Reset, 2 x LED
Dimension: 118 x 29 mm
Compliant Product: PICO310, PICO312, PICO511, PICO512, PICO313
Power-on
Reset
COM 1 USB 3.0 Ethernet
USB 3.0
COM 2 HDMI
Red LED: HDD
Green LED: power-on
Audio
Power-on
Reset
COM 1
VGA
USB 3.0
Red LED: HDD
Green LED: power-on
Audio
Power on/off,
reset, LED
USB 2.0 x 4
COM 1/2
Ordering Information
AX93A09
E393A09100
Cable for COM
P/N: 594H8302100E
Cable for Audio+USB+LED P/N: 59340000200E
AX93A01
Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB 3.0, 1 x HDMI, 1 x Gigabit LAN,
1 x Audio (Mic-in/Line-out), 1 x power-on, 1 x Reset, 2 x LED
Dimension: 118 x 40 mm
Compliant Product: PICO310, PICO312, PICO511, PICO512, PICO313
AX93299
AX93A02
Specification: 1 x RS-232/422/485, 1 x RS-232, 1 x Audio (Mic-in/Line-in/Line-out),
4 x USB 3.0, 1 x power-on, 1 x Reset, 2 x LED
Dimension: 118 x 40 mm
Compliant Product: PICO880, PICO500, PICO300
Specification: 1 x RS-232/422/485, 1 x RS-232, 1 x Audio (Mic-in/Line-in/Line-out),
4 x USB 3.0, 1 x power-on, 1 x Reset, 2 x LED
Dimension: 118 x 40 mm
Compliant Product: PICO310, PICO312, PICO511, PICO512, PICO313
Ordering Information
Ordering Information
Ordering Information
Ordering Information
AX93299
P/N: E393299100
Cable for COM
P/N: 59382620000E
Cable for Audio+USB+LED P/N: 59384500100E
AX93A00
E393A00100
AX93A01
E393A01100
AX93A02
E393A02100
Cable for COM
P/N: 59382620000E
Cable for Audio+USB+LED P/N: 59384500100E
COM 1
Audio
Red LED: HDD
Green LED: power-on
Power-on
USB 3.0
USB 3.0
USB 3.0
USB 3.0
Reset
COM 2
COM 1
Audio
Red LED: HDD
Green LED: power-on
Power-on
USB 3.0
USB 3.0
USB 3.0
USB 3.0
Reset
COM 2
I/O Board for Pico-ITX Boards
NEW
NEW
NEW
NEW
Updated Jul. 06, 2017.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com