Electronic Components Datasheet Search
  English  ▼

X  

AX93299 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX93299
Description  I/O Board for Pico-ITX Boards
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX93299 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX93299 Datasheet HTML 1Page - Axiomtek Co., Ltd. AX93299 Datasheet HTML 2Page - Axiomtek Co., Ltd. AX93299 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
237
* All specifications and photos are subject to change without notice.
I/O Board for Pico-ITX Boards
AX93265
Attached as Accessory
Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB 2.0, 1 x Audio (Mic-in/Line-out),
1 x power-on, 1 x Reset, 2 x LED
Dimension: 118 x 29 mm
Compliant Product: PICO830, PICO831
AX93267
Specification: 1 x DC Jack, 1 x VGA, 1 x Gigabit LAN
Dimension: 100 x 26 mm
Compliant Product: PICO831, PICO841, PICO843
Red LED: HDD
Green LED: power-on
Reset
Power-on Audio
COM
USB x 4
DC Jack
VGA
Ethernet
AX93283
Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB 2.0, 1 x Audio (Mic-in/Line-out),
1 x power-on, 1 x Reset, 2 x LED
Dimension: 118 x 29 mm
Compliant Product: PICO840, PICO841, PICO843
Power-on
Reset
Audio
COM
USB 2.0 x 4
Red LED: HDD
Green LEF: power-on
Ordered by Optional
AX93275
Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB 3.0, 1 x VGA,
1 x Audio (Mic-in/Line-out), 1 x power-on, 1 x Reset, 2 x LED
Dimension: 118 x 40 mm
Compliant Product: PICO880, PICO500, PICO300
AX93292
Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB 2.0, 1 x Audio (Mic-in/Line-out),
1 x power-on, 1 x Reset, 2 x LED
Dimension: 118 x 29 mm
Compliant Product: PICO880, PICO500, PICO300
Power-on
Reset
COM 1 USB 3.0 Ethernet
USB 3.0
COM 2 HDMI
Red LED: HDD
Green LED: power-on
Audio
Power-on
Reset
COM 1
VGA
USB 3.0
Red LED: HDD
Green LED: power-on
Audio
Power on/off,
reset, LED
USB 2.0 x 4
COM 1/2
Ordering Information
Ordering Information
AX93275
P/N: E393275102
AX93292
P/N: E393292100
Cable for COM
P/N: 594H8302100E
Cable for Audio+USB+LED P/N: 59340000200E
AX93276
Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB 3.0, 1 x HDMI, 1 x Gigabit LAN,
1 x power-on, 1 x Reset, 2 x LED
Dimension: 118 x 40 mm
Compliant Product: PICO880, PICO500, PICO300
Ordering Information
AX93276
P/N: E393276102
Updated Jul. 06, 2017.


Similar Part No. - AX93299

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX93299 AXIOMTEK-AX93299 Datasheet
345Kb / 3P
I/O Board for Pico-ITX Boards
AX93299 AXIOMTEK-AX93299_17 Datasheet
338Kb / 2P
Specification: 1 x RS-232/422/485, 1 x RS-232, 1 x Audio (Mic-in/Line-in/Line-out),
More results

Similar Description - AX93299

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP283 TOSHIBA-TLP283 Datasheet
106Kb / 4P
PROGRAMMABLE CONTROLLERS AC adapters for PDAs/ on-board power supplies I/O interface boards
logo
List of Unclassifed Man...
PB-24SM-A ETC2-PB-24SM-A Datasheet
75Kb / 1P
DIGITAL I/O MODULE MOUNTING BOARDS
PB-24C4 ETC-PB-24C4 Datasheet
59Kb / 1P
DIGITAL I/O MODULE MOUNTING BOARDS
logo
Advantech Co., Ltd.
AIMB-RP30P-03A1E ADVANTECH-AIMB-RP30P-03A1E Datasheet
252Kb / 1P
I/O Modules & Converter Boards
logo
Axiomtek Co., Ltd.
AX93292 AXIOMTEK-AX93292 Datasheet
345Kb / 3P
I/O Board for Pico-ITX Boards
AX93299 AXIOMTEK-AX93299 Datasheet
345Kb / 3P
I/O Board for Pico-ITX Boards
logo
VIA Technologies, Inc.
EPIA-P910 VIA-EPIA-P910 Datasheet
806Kb / 2P
Pico-ITX Series
logo
Contec Co., Ltd
DIO-6464T2-PCI CONTEC-DIO-6464T2-PCI Datasheet
308Kb / 4P
Digital I/O Board for PCI
logo
Advantech Co., Ltd.
UIO40 ADVANTECH-UIO40 Datasheet
637Kb / 2P
UIO40-Express I/O Expansion Boards
28-Jan-2021
UIO40 ADVANTECH-UIO40_V01 Datasheet
815Kb / 2P
UIO40-Express I/O Expansion Boards
20-Jun-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com