Electronic Components Datasheet Search
  English  ▼

X  

KBL0 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KBL0
Description  4.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KBL0 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KBL0 Datasheet HTML 1Page - List of Unclassifed Manufacturers KBL0 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Reformatted by Anglia 9851
RATING AND CHARACTERISTIC CURVES
KBL0 SERIES
0
100
200
250
FIG 1 : MAXIMUM NON-REPETITIVE
SURGE CURRENT PER ELEMENT
1
10
100
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
TJ =125°C
50
150
AMBIENT TEMPERATURE °C
FIG 2 : DERATING CURVE FOR
RECTIFIED OUTPUT CURRENT
0
1.0
2.0
0
50
100
150
4.0
5.0
3.0
Resistive or
Inductive
Load
INSTANTANEOUS FORWARD
VOLTAGE, VOLTS
FIG 3 : TYPICAL FORWARD
CHARACTERISTICS PER ELEMENT
0.6
0.8
1.0
1.2
1.4
100
10
1
0.1
TJ = 25°C
Pulse Width = 300µs
FIG 4 : TYPICAL REVERSE
CHARACTERISTICS PER ELEMENT
PERCENT OF RATED PEAK
REVERSE VOLTAGE
.01
0.1
1.0
20
40
60
80 100 120 140
0
10
100
500
TA = 25°C
TA = 125°C
1.6
E-MAIL: info@angliac.com
WEB: www.angliac.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com