Electronic Components Datasheet Search
  English  ▼

X  

OPS830 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # OPS830
Description  Intel짰 Atom??Cedarview Open Pluggable Specification (OPS) Digital Signage Player
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

OPS830 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  OPS830 Datasheet HTML 1Page - Axiomtek Co., Ltd. OPS830 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
397
* All specifications and photos are subject to change without notice.
Features
Optional EOS Installation
Windows® 7 Embbeded
OPS830
Intel® Atom™ Cedarview Open Pluggable
Specification (OPS) Digital Signage Player
● Open Pluggable Specification (OPS) compliance
● Built-in Intel® Atom™ processor D2550/N2600 (fanless)
● DDR3-1066 SO-DIMM max. up to 4 GB by D2550
● PCIe Mini Card supported
● Easy maintenance: pluggable HDD and easy-to-change DRAM
● VGA connector
Specifications
Ordering Information
Dimensions
Main System
CPU
Intel® Atom™ D2550/N2600 processor
Chipset
Intel® NM10
System Memory 1 x 204-pin DDR3-1066 SO-DIMM max.
up to 4 GB (D2550)
Storage
1 x 2.5" SATA HDD tray
BIOS
AMI UEFI BIOS
Watchdog Timer 255 levels, 1 ~ 255 sec.
I/O
2 x USB 2.0
1 x 10/100/1000Mbps Ethernet
1 x VGA
1 x power on/off button
1 x reset button
1 x Audio (Line-out/ Mic-in)
1 x DVI/HDMI (via OPS JAE interconnector)
1 x DisplayPort (via OPS JAE interconnector) (Pure DP)
3 x USB 2.0 (via OPS JAE interconnector)
1 x Audio (Line-out, via OPS JAE interconnector)
1 x UART (TX/RX, via OPS JAE interconnector)
Indicator
1 x LED for system power ON
1 x LED for HDD active
WiFi
Supports 802.11 b/g/n (optional)
Expansion Slot
1 x PCI Express Mini Card
Dimensions
200 mm (7.87") (W) x 119 mm (4.68") x 30 mm (1.18")
Packing Dimensions
270 mm (10.63") (W) x 197 mm (7.76") x 70 mm (2.76")
Weight (net/gross)
1 kg (2.21lb)/1.5 kg (3.31lb)
Environmental
0°C ~ +45°C (+32°F ~ +113°F) (with airflow 0.7 m/s)
(OPS830-D2550)
0°C ~ +40°C (+32°F ~ +104°F) (with airflow 1.2 m/s)
(OPS830-N2600)
Standard
OPS830-D2550
OPS digital signage player supports Intel® Atom™
processor D2550
OPS830-N2600
Fanless OPS digital signage player supports Intel® Atom™
processor N2600
Optional
AX93157
OPS docking board
Rear view
OPS830-D2550
OPS830-D2550
1. 2.5” HDD Slot
2. USB 2.0 x 2
3. Ethernet
4. VGA
5. Power switch
6. Reset
7. Audio (Line-out)
8. Audio (Mic-in)
9. Power indicator
10. HDD indicator
11. JAE TX-25
12. WiFi antenna (optional)
8
5
3
2
4
6
7
10
1
12
9
Optional OS Installation
Windows® 7
Packing
1 x driver CD
1 x HDD mylar x 1
1 x thermal grease
1 x thermal pad
2 x M3 x 4 screw
2 x M4 x 6 screw
OPS830-N2600
Fanless Design
11
DDR3
DDR3
DDR3
Intel OPS


Similar Part No. - OPS830

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
OPS830 AXIOMTEK-OPS830 Datasheet
258Kb / 1P
PCIe Mini Card
OPS830-D2550 AXIOMTEK-OPS830-D2550 Datasheet
312Kb / 2P
Open Pluggable Specification (OPS) compliance
OPS830-D2550 AXIOMTEK-OPS830-D2550 Datasheet
242Kb / 1P
DDR3-1066 SO-DIMM max. up to 4 GB by D2550
OPS830-N2600 AXIOMTEK-OPS830-N2600 Datasheet
242Kb / 1P
DDR3-1066 SO-DIMM max. up to 4 GB by D2550
OPS830 AXIOMTEK-OPS830_14 Datasheet
312Kb / 2P
Open Pluggable Specification (OPS) compliance
More results

Similar Description - OPS830

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
OPS300 AXIOMTEK-OPS300 Datasheet
263Kb / 1P
Open Pluggable Specification (OPS) 4K Digital Signage Player with Intel Celeron
OPS500 AXIOMTEK-OPS500_17 Datasheet
243Kb / 1P
Open Pluggable Specification (OPS) 4K Digital Signage Player with 7th/6th Gen
OPS880 AXIOMTEK-OPS880_17 Datasheet
261Kb / 1P
Open Pluggable Specification (OPS) Digital Signage Player with 4th Gen Intel Core
OPS880-HM AXIOMTEK-OPS880-HM_17 Datasheet
316Kb / 1P
Open Pluggable Specification (OPS) Digital Signage Player with 4th Gen Intel Core
OPS883 AXIOMTEK-OPS883_17 Datasheet
295Kb / 1P
Open Pluggable Specification (OPS) Digital Signage Player with 4th Gen
OPS883-H AXIOMTEK-OPS883-H_17 Datasheet
342Kb / 1P
Open Pluggable Specification (OPS) Digital Signage Player with 4th Gen
OPS500-501-H AXIOMTEK-OPS500-501-H_17 Datasheet
243Kb / 1P
Open Pluggable Specification (OPS) 4K Digital Signage Player with 7th/6th Gen
OPS300-310 AXIOMTEK-OPS300-310 Datasheet
258Kb / 1P
Open Pluggable Specification (OPS) 4K Digital Signage Player
OPS500-520-H AXIOMTEK-OPS500-520-H Datasheet
168Kb / 1P
Open Pluggable Specification (OPS) 4K Digital Signage Player
OPS700-520 AXIOMTEK-OPS700-520 Datasheet
174Kb / 1P
Open Pluggable Specification-Plus (OPS) Digital Signage Player
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com