Electronic Components Datasheet Search
  English  ▼

X  

DM383 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DM383
Description  DaVinci Digital Media Processor
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM383 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DM383 Datasheet HTML 2Page - Texas Instruments DM383 Datasheet HTML 3Page - Texas Instruments DM383 Datasheet HTML 4Page - Texas Instruments DM383 Datasheet HTML 5Page - Texas Instruments DM383 Datasheet HTML 6Page - Texas Instruments DM383 Datasheet HTML 7Page - Texas Instruments DM383 Datasheet HTML 8Page - Texas Instruments DM383 Datasheet HTML 9Page - Texas Instruments DM383 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 267 page
background image
DM383
SPRS870B – APRIL 2013 – REVISED DECEMBER 2013
www.ti.com
7.1
Power, Reset and Clock Management (PRCM)
1
High-Performance System-on-Chip (SoC)
......... 1
Module
............................................ 125
1.1
Features
............................................. 1
7.2
Power
.............................................. 125
1.2
Applications
.......................................... 3
7.3
Reset
.............................................. 133
1.3
Description
........................................... 4
7.4
Clocking
........................................... 140
1.4
Functional Block Diagram
........................... 5
7.5
Interrupts
.......................................... 154
Revision History
.............................................. 7
8
Peripheral Information and Timings
............. 157
2
Device Overview
........................................ 8
8.1
Parameter Information
............................ 157
2.1
Device Comparison
.................................. 8
8.2
Recommended Clock and Control Signal Transition
2.2
Device Characteristics
............................... 8
Behavior
........................................... 158
2.3
Device Compatibility
................................ 10
8.3
Controller Area Network Interface (DCAN)
....... 159
2.4
ARM® Cortex™-A8 Microprocessor Unit
8.4
EDMA
............................................. 161
(Processor) Subsystem Overview
.................. 10
8.5
Emulation Features and Capability
............... 164
2.5
Media Controller Overview
......................... 12
8.6
General-Purpose Input/Output (GPIO)
............ 168
2.6
HDVICP2 Overview
................................ 12
8.7
General-Purpose Memory Controller (GPMC) and
2.7
Face Detect (FD) Overview
........................ 12
Error Location Module (ELM)
..................... 170
2.8
Spinlock Module Overview
......................... 13
8.8
High-Definition Multimedia Interface (HDMI)
...... 185
2.9
Mailbox Module Overview
.......................... 14
8.9
High-Definition Video Processing Subsystem
2.10
Memory Map Summary
............................. 15
(HDVPSS)
......................................... 188
3
Device Pins
............................................. 22
8.10
Inter-Integrated Circuit (I2C)
...................... 196
3.1
Pin Maps
........................................... 22
8.11
Imaging Subsystem (ISS)
......................... 199
3.2
Pin Assignments
.................................... 33
8.12
DDR2/DDR3/DDR3L Memory Controller
.......... 204
3.3
Terminal Functions
................................. 61
8.13
Multichannel Audio Serial Port (McASP)
.......... 238
4
Device Configurations
.............................. 105
8.14
MultiMedia Card/Secure Digital/Secure Digital Input
Output (MMC/SD/SDIO)
........................... 243
4.1
Control Module Registers
......................... 105
8.15
Serial ATA Controller (SATA)
..................... 245
4.2
Boot Modes
....................................... 105
8.16
Serial Peripheral Interface (SPI)
.................. 248
4.3
Pin Multiplexing Control
........................... 110
8.17
Timers
............................................. 254
4.4
Handling Unused Pins
............................ 113
8.18
Universal Asynchronous Receiver/Transmitter
4.5
DeBugging Considerations
........................ 113
(UART)
............................................ 256
5
System Interconnect
................................ 115
8.19
Universal Serial Bus (USB2.0)
.................... 258
6
Device Operating Conditions
...................... 119
9
Device and Documentation Support
............. 260
6.1
Absolute Maximum Ratings
....................... 119
9.1
Device Support
.................................... 260
6.2
Recommended Operating Conditions
............. 120
9.2
Documentation Support
........................... 262
6.3
Reliability Data
.................................... 122
9.3
Community Resources
............................ 262
6.4
Electrical Characteristics Over Recommended
10
Mechanical
............................................ 263
Ranges of Supply Voltage and Operating
Temperature (Unless Otherwise Noted)
.......... 123
10.1
Thermal Data for the AAR
........................ 263
7
Power, Reset, Clocking, and Interrupts
......... 125
10.2
Packaging Information
............................ 263
6
Contents
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM383



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com