Electronic Components Datasheet Search
  English  ▼

X  

L011 Datasheet(PDF) 1 Page - IXYS Corporation

Part # L011
Description  Fast Recovery Epitaxial Diode (FRED) Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L011 Datasheet(HTML) 1 Page - IXYS Corporation

  L011 Datasheet HTML 1Page - IXYS Corporation L011 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
500
150
200
100
9
200
15
0.52
1.06
75
822
75
582
2880
3000
3600
-40...+150
-40...+125
110
115200
117100
93300
94800
4800
5280
4320
4750
150
12.7
9.6
50
2.25-2.75/20-25
4.50-5.50/40-48
300
0.84
1.10
520
1.08
1.25
0.114
0.071
5
4
160
Dimensions in mm (1 mm = 0.0394")
Features
q
International standard package
with DCB ceramic base plate
q
Planar passivated chips
q
Short recovery time
q
Low switching losses
q
Soft recovery behaviour
q
Isolation voltage 3600 V~
q
UL registered E 72873
Applications
q
Antiparallel diode for high frequency
switching devices
q
Free wheeling diode in converters
and motor control circuits
q
Inductive heating and melting
q
Uninterruptible power supplies (UPS)
q
Ultrasonic cleaners and welders
Advantages
q
High reliability circuit operation
q
Low voltage peaks for reduced
protection circuits
q
Low noise switching
q
Low losses
x I
FAVM rating includes reverse blocking losses at TVJM, VR = 0.6 VRRM, duty cycle d = 0.5
Data according to IEC 60747
IXYS reserves the right to change limits, test conditions and dimensions
1750
3
1
V
RSM
V
RRM
Type
V
V
200
200
MEO 550-02DA
Symbol
Test Conditions
Maximum Ratings
I
FRMS
T
C
=
°CA
I
FAVM ÿÿ
x
T
C
=
°C; rectangular, d = 0.5
A
I
FRM
t
P < 10 ms; rep. rating, pulse width limited by TVJM
A
I
FSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
A
t = 8.3 ms (60 Hz), sine
A
T
VJ = 150°C;
t = 10 ms (50 Hz), sine
A
t = 8.3 ms (60 Hz), sine
A
I2t
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
A2s
t = 8.3 ms (60 Hz), sine
A2s
T
VJ = 150°C;
t = 10 ms (50 Hz), sine
A2s
t = 8.3 ms (60 Hz), sine
A2s
T
VJ
°C
T
stg
°C
T
Smax
°C
P
tot
T
C = 25°CW
V
ISOL
50/60 Hz, RMS t = 1 min
V~
I
ISOL £ 1 mA
t = 1 s
V~
M
d
Mounting torque (M6)
Nm/lb.in.
Terminal connection torque (M6)
Nm/lb.in.
d
S
Creep distance on surface
mm
d
A
Strike distance through air
mm
a
Maximum allowable acceleration
m/s2
Weight
g
Symbol
Test Conditions
Characteristic Values (per diode)
typ.
max.
I
R
T
VJ = 25°CVR
= V
RRM
mA
T
VJ = 25°CVR
= 0.8 • V
RRM
mA
T
VJ = 125°CVR
= 0.8 • V
RRM
mA
V
F
I
F =
A;
T
VJ = 125°CV
T
VJ =25°CV
I
F =
A;
T
VJ = 125°CV
T
VJ =25°CV
V
T0
For power-loss calculations only
V
r
T
m
W
R
thJH
DC current
K/W
R
thJC
DC current
K/W
t
rr
I
F
=
A
T
VJ = 100°Cns
I
RM
V
R=
V
T
VJ =
25
°CA
-di/dt =
A/
msT
VJ = 100°CA
Fast Recovery
Epitaxial Diode
(FRED) Module
MEO 550-02 DA
V
RRM = 200 V
I
FAVM
= 582 A
t
rr
= 150 ns
3
1


Similar Part No. - L011

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
L0110S0100BLM41A-EB MURATA-L0110S0100BLM41A-EB Datasheet
46Kb / 2P
Chip EMIFIL Inductor Type Chip Ferrite Beads
More results

Similar Description - L011

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MEA250-12DA IXYS-MEA250-12DA Datasheet
53Kb / 2P
Fast Recovery Epitaxial Diode (FRED) Module
MEA300-06DA IXYS-MEA300-06DA Datasheet
56Kb / 2P
Fast Recovery Epitaxial Diode (FRED) Module
logo
Powersem GmbH
PSKD75E-06 POWERSEM-PSKD75E-06 Datasheet
118Kb / 1P
Fast Recovery Epitaxial Diode (FRED) Module
PSKD200E-06 POWERSEM-PSKD200E-06 Datasheet
127Kb / 1P
Fast Recovery Epitaxial Diode (FRED) Module
PSMD30E-12 POWERSEM-PSMD30E-12 Datasheet
124Kb / 1P
Fast Recovery Epitaxial Diode (FRED) Module
PSMD75E-12 POWERSEM-PSMD75E-12 Datasheet
119Kb / 1P
Fast Recovery Epitaxial Diode (FRED) Module
PSMD150E-06 POWERSEM-PSMD150E-06 Datasheet
125Kb / 1P
Fast Recovery Epitaxial Diode (FRED) Module
PSND50E-12 POWERSEM-PSND50E-12 Datasheet
119Kb / 1P
Fast Recovery Epitaxial Diode (FRED) Module
PSND200E-12 POWERSEM-PSND200E-12 Datasheet
124Kb / 1P
Fast Recovery Epitaxial Diode (FRED) Module
logo
Meder Electronic
PSMD100E06 MEDER-PSMD100E06 Datasheet
124Kb / 1P
Fast Recovery Epitaxial Diode(FRED) Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com