Electronic Components Datasheet Search
  English  ▼

X  

WR11AF Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # WR11AF
Description  General Specifications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

WR11AF Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  WR11AF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. WR11AF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. WR11AF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. WR11AF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. WR11AF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series WR
Environmentally Sealed Rockers
B124
B
www.nkkswitches.com
General Specifications
Electrical Capacity (Resistive Load)
Power Level:
15A @ 125/250V AC or 15A @ 30V DC
Other Ratings
Contact Resistance:
10 milliohms maximum for solder lug, screw & quick connect terminal models
30 milliohms maximum for wire lead terminal models
Insulation Resistance:
200 megohms minimum @ 500V DC
Dielectric Strength:
1,250V AC minimum between contacts for 1 minute minimum
3,750V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
30,000 operations minimum
Electrical Life:
15,000 operations minimum for circuit 11 and 12 models
10,000 operations minimum for circuit 13, 15, 18, 19 models
Angle of Throw:
24°
Materials & Finishes
Rocker:
Phenylene oxide
Outer Housing:
Polyamide (UL94V-0)
Inner Case:
Melamine (UL94V-0)
Cover for Wire Lead Models:
Glass fiber reinforced polyamide (UL94V-0)
Flange Gasket:
Nitrile butadiene rubber
Movable Contactor:
Copper with silver plating
Movable Contacts:
Silver alloy plus copper with silver plating
Stationary Contacts:
Silver alloy plus copper with silver plating
Terminals:
Brass with tin plating
Wire Lead Covers:
Heat resistant polyvinyl chloride (Leads are AWG 14)
Environmental Data
Operating Temp Range:
–25°C through +85°C (–13°F through +185°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Front Panel Seal:
IP67 of IEC60529, dust tight & water protected during temporary immersion for all models
Behind Panel Seal:
IP60 of IEC60529, dust tight but not water protected for solder lug, screw & quick connect models
IP67 of IEC60529, dust tight & water protected during temporary immersion for wire lead models
Installation
Soldering Time & Temp:
Manual Soldering: See Profile A in Supplement section.
Cleaning:
Hand clean locally using alcohol based solution.
Standards & Certifications
Flammability Standards:
UL94V-0 outer housing, inner case, & outer cover on wire lead models
UL:
File No. E44145 - Recognized only when ordered with marking on switch.
Add “/U” or “/CUL” to end of part number to order UL recognized switch.
All models approved at 15A @ 125/250V AC & 15A @ 30V DC.
VDE:
License No. 40028806 - Approved only when ordered with marking on switch.
Add “/V” to end of part number to order VDE approved switch.
All models approved at 15A @ 250V AC (pending for quick connect).
EN:
No. 61058-1
WR11 & WR12 models meet European Norm for 3mm contact gap to prevent contact welds.
Wiring Material Standards:
UL AWM 1015 Recognized at Flammability VW-1.
Temperature Range –20°C ~ +105°C; Maximum Load 600V; AWG 14.
CSA TEW 105 Certified at Temperature Range –20°C ~ +105°C; Maximum Load 600V.


Similar Part No. - WR11AF

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
WR11AF NKK-WR11AF Datasheet
214Kb / 5P
Environmentally Sealed Rockers
WR11AFN NKK-WR11AFN Datasheet
214Kb / 5P
Environmentally Sealed Rockers
More results

Similar Description - WR11AF

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
General Specifications
06035A2R7BAT2A AVX-06035A2R7BAT2A Datasheet
134Kb / 4P
General Specifications
06035C103KAT4A AVX-06035C103KAT4A Datasheet
131Kb / 4P
General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
General Specifications
08055C220JAT2A AVX-08055C220JAT2A Datasheet
131Kb / 4P
General Specifications
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
General Specifications
logo
Nihon Kaiheiki Industry...
M2012S2A2G30 NKK-M2012S2A2G30 Datasheet
338Kb / 10P
General Specifications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com