Electronic Components Datasheet Search
  English  ▼

X  

1037366 Datasheet(PDF) 5 Page - SICK AG

Part # 1037366
Description  MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1037366 Datasheet(HTML) 5 Page - SICK AG

  1037366 Datasheet HTML 1Page - SICK AG 1037366 Datasheet HTML 2Page - SICK AG 1037366 Datasheet HTML 3Page - SICK AG 1037366 Datasheet HTML 4Page - SICK AG 1037366 Datasheet HTML 5Page - SICK AG 1037366 Datasheet HTML 6Page - SICK AG 1037366 Datasheet HTML 7Page - SICK AG 1037366 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VFS60A-TDPJ01024 | VFS60
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
Diagram
Recommended accessories
Other models and accessories
www.sick.com/VFS60
Brief description
Type
Part no.
Flanges
One-sided stator coupling, slot, slot radius 33 mm to 48.5 mm, slot width 5.1 mm
BEF-DS01DFS/VFS
2047428
One-sided stator coupling, slot, slot radius 32.25 mm to 141.75 mm, slot width 5.1 mm
BEF-DS02DFS/VFS
2047430
One-sided stator coupling, slot, slot radius 33 mm to 211.9 mm, slot width 5.1 mm
BEF-DS03DFS/VFS
2047431
2017-07-07 18:51:26 | Online data sheet
Subject to change without notice
MOTOR FEEDBACK SYSTEMS | SICK
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com