Electronic Components Datasheet Search
  English  ▼

X  

L258 Datasheet(PDF) 5 Page - IXYS Corporation

Part # L258
Description  Converter - Brake - Inverter Module (CBI1)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L258 Datasheet(HTML) 5 Page - IXYS Corporation

  L258 Datasheet HTML 1Page - IXYS Corporation L258 Datasheet HTML 2Page - IXYS Corporation L258 Datasheet HTML 3Page - IXYS Corporation L258 Datasheet HTML 4Page - IXYS Corporation L258 Datasheet HTML 5Page - IXYS Corporation L258 Datasheet HTML 6Page - IXYS Corporation L258 Datasheet HTML 7Page - IXYS Corporation L258 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 2000 IXYS All rights reserved
5 - 8
MUBW 20-06 A6
10-3
10-2
10-1
100
101
0
50
100
150
200
250
300
23
4
5 6 7 8 9
110
200
400
600
800
100
1000
0.00.2 0.40.6 0.81.0 1.21.4 1.6
0
10
20
30
40
50
I
2t
I
FSM
A
I
F
A
V
F
t
s
t
ms
A
2s
V
Forward characteristics
Surge overload current
I
FSM: crest value, t: duration
I2t versus time (1-10 ms)
typ.
lim.
T
VJ= 180°C
T
VJ=
25°C
50Hz, 80%V
RRM
T
VJ = 45°C
T
VJ = 180°C
V
R = 0 V
T
VJ=45°C
T
VJ=180°C
Input Rectifier Bridge D8 - D13
Transient thermal resistance junction to heatsink
(Z
thJH is measured using 50 µm
thermal grease)
ZthJH[K/W]
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
t (s)
D = 0
D = 0.005
D = 0.01
D = 0.02
D = 0.05
D = 0.1
D = 0.2
D = 0.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com