Electronic Components Datasheet Search
  English  ▼

X  

L354 Datasheet(PDF) 1 Page - IXYS Corporation

Part # L354
Description  Three Thyristor Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L354 Datasheet(HTML) 1 Page - IXYS Corporation

  L354 Datasheet HTML 1Page - IXYS Corporation L354 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
I
FAV
= 3x 28 A
V
RRM = 800-1600 V
Features
q
Package with metal base plate
q
Isolation voltage 3000 V~
q
Planar passivated chips
q
UL applied
• ¼" fast-on power terminals
Applications
q
Switching and control of
three phase AC circuits
q
Softstart AC motor controller
q
Solid state switches
q
Light and temperature control
Advantages
q
Easy to mount with two screws
q
Space and weight savings
q
Improved temperature and power
cycling
Symbol
Test Conditions
Maximum Ratings
I
FAVM
T
C = 85°C, 50 - 400 Hz (per phase)
28
A
I
FRMS
T
C = 85°C, 50 - 400 Hz (per phase)
43
A
I
TSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
550
A
V
R = 0
t = 8.3 ms (60 Hz), sine
600
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
500
A
V
R = 0
t = 8.3 ms (60 Hz), sine
550
A
òi2dt
T
VJ = 45°C
t = 10 ms (50 Hz), sine
1520
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
1520
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
1250
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
1250
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 25 A
150
A/
ms
f =50 Hz, t
P =200 ms
V
D = 2/3 VDRM
I
G = 0.45 A
non repetitive, I
T = ITAVM
500
A/
ms
di
G/dt = 0.45 A/ms
(dv/dt)
cr
T
VJ = TVJM;VDR = 2/3 VDRM
1000
V/
ms
R
GK = ¥; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
p =
30
ms10
W
I
T = ITAVM
t
p =
300
ms5
W
P
GAVM
0.5
W
V
RGM
10
V
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL £ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque (M5)
5
±15 %
Nm
(10-32 UNF)
44
±15 %
lb.in.
Weight
typ.
110
g
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
800
800
VYK 70-08io7
1200
1200
VYK 70-12io7
1400
1400
VYK 70-14io7
1600
1600
VYK 70-16io7
Data according to IEC 60747 refer to a single diode/thyristor unless otherwise stated
IXYS reserves the right to change limits, test conditions and dimensions.
Preliminary data
VYK 70
Three Thyristor Module
2
3
1
A
C
D
E


Similar Part No. - L354

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L354 CRYDOM-L354 Datasheet
585Kb / 4P
Power Modules
logo
List of Unclassifed Man...
L35480F ETC2-L35480F Datasheet
171Kb / 1P
Low Profile Designed for PCB Connections
L354F ETC2-L354F Datasheet
171Kb / 1P
Low Profile Designed for PCB Connections
logo
Crydom Inc.,
L354F CRYDOM-L354F Datasheet
585Kb / 4P
Power Modules
More results

Similar Description - L354

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKUT115 SEMIKRON-SKUT115 Datasheet
178Kb / 2P
Three phase antiparallel Thyristor Module
SKUT230 SEMIKRON-SKUT230 Datasheet
357Kb / 2P
Three Phase Antiparallel Thyristor Module
SKUT85 SEMIKRON-SKUT85 Datasheet
513Kb / 3P
Three phase antiparallel Thyristor Module
SKUT115 SEMIKRON-SKUT115_07 Datasheet
182Kb / 2P
Three phase antiparallel Thyristor Module
SKUT85T SEMIKRON-SKUT85T Datasheet
553Kb / 3P
Three phase antiparallel Thyristor Module
SKUT115T SEMIKRON-SKUT115T Datasheet
556Kb / 3P
Three phase antiparallel Thyristor Module
logo
Sirectifier Semiconduct...
3TA100GKXXNB-B SIRECTIFIER-3TA100GKXXNB-B Datasheet
1Mb / 3P
Three Phase Thyristor Module (Half Bridge)
logo
IXYS Corporation
VYK70 IXYS-VYK70 Datasheet
69Kb / 2P
Three Thyristor Module
logo
Nell Semiconductor Co.,...
NK3T100 NELLSEMI-NK3T100 Datasheet
518Kb / 2P
Three Phase Thyristor Module
NK3T130 NELLSEMI-NK3T130 Datasheet
4Mb / 3P
Three Phase Thyristor Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com