Electronic Components Datasheet Search
  English  ▼

X  

L412 Datasheet(PDF) 4 Page - IXYS Corporation

Part # L412
Description  High Voltage BIMOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L412 Datasheet(HTML) 4 Page - IXYS Corporation

  L412 Datasheet HTML 1Page - IXYS Corporation L412 Datasheet HTML 2Page - IXYS Corporation L412 Datasheet HTML 3Page - IXYS Corporation L412 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2000 IXYS All rights reserved
4 - 4
I
C - Amperes
02468
10
12
14
16
20
30
40
50
60
70
R
g - Ohms
0
20406080
100 120 140 160
0
50
100
150
200
250
Pulse Width - Seconds
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Single Pulse
V
CE = 960V
V
GE = 15V
R
G = 100W
T
J = 125°C
IXBF09
V
CE = 960V
V
GE = 15V
I
C =
5A
T
J = 125°C
Fig. 7 Typ. Fall Time
Fig. 8 Typ. Turn Off Delay Time
Fig. 9 Typ. Transient Thermal Impedance
IXBF 9N140
IXBF 9N160



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com