Electronic Components Datasheet Search
  English  ▼

X  

56NT Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 56NT
Description  Phase Control Thyristors (Stud & Lead Type), 56A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

56NT Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  56NT_17 Datasheet HTML 1Page - Naina Semiconductor ltd. 56NT_17 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
56NT
1
D-95, Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120-4273653
sales@nainasemi.com
•
www.nainasemi.com
Phase Control Thyristors (Stud & Lead Type), 56A
Features
•
Improved glass passivation for high reliability
•
Exceptional stability at high temperatures
•
High di/dt and dv/dt capabilities
•
Metric thread type available
•
Low thermal resistance
Voltage Ratings (TJ = 25
oC, unless otherwise noted)
Type number
Voltage Code
VDRM/VRRM, Maximum repetitive
peak and off-state voltage
(V)
VRSM, Maximum non-
repetitive peak voltage
(V)
IDRM/IRRM, Maximum at
TJ=TJ Maximum
(mA)
20
200
300
40
400
500
60
600
700
56NT
80
800
900
10
100
1000
1100
120
1200
1300
160
1600
1700
Electrical Ratings (TJ = 25
oC, unless otherwise noted)
Parameters
Symbol
Values
Units
Maximum on-state average current
TJ = 85
oC
IT(AV)
56
A
Maximum RMS on-state current
IT(RMS)
88
A
Maximum peak, one cycle non-repetitive surge current
TJ = 25
oC, 10 ms
ITSM
1300
A
TJ = 130
oC, 10 ms
1100
Maximum I
2t for fusing
TJ = 25
oC, 10 ms
I
2t
8450
A
2s
TJ = 130
oC, 10 ms
6050
Maximum peak on-state voltage
TJ = 25
oC
VTM
1.8
V
Maximum holding current
TJ = 25
oC
IH
200
mA
Maximum latching current
TJ = 25
oC
IL
400
mA
Maximum rate of rise of turn-on current
TJ = TJ max.
di/dt
150
A/µs
Maximum critical rate of rise of off-state voltage
TJ = TJ max.
dv/dt
500
V/µs
Maximum gate current required to trigger
TJ = 25
oC
IGT
150
mA
Maximum gate voltage required to trigger
TJ = 25
oC
VGT
3
V
Thermal and Mechanical Specifications (TJ = 25
oC, unless otherwise noted)
Parameters
Symbol
Values
Units
Maximum operating junction temperature range
TJ
- 40 to +130
oC
Maximum storage temperature range
TStg
- 50 to +150
oC
Maximum thermal resistance, junction to case
Rth(JC)
0.5
oC/W
Mounting torque
F
3.5
Nm
Approximate weight
W
21
g
TO-208AC (TO-65)


Similar Part No. - 56NT_17

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
56NTD NAINA-56NTD Datasheet
112Kb / 2P
Thyristor - Diode Module
56NTT NAINA-56NTT Datasheet
124Kb / 2P
Thyristor - Thyristor Module
More results

Similar Description - 56NT_17

ManufacturerPart #DatasheetDescription
logo
International Rectifier
111RKI IRF-111RKI Datasheet
283Kb / 7P
PHASE CONTROL THYRISTORS Stud Version
ST110S IRF-ST110S Datasheet
232Kb / 9P
PHASE CONTROL THYRISTORS Stud Version
ST180S IRF-ST180S Datasheet
290Kb / 10P
PHASE CONTROL THYRISTORS Stud Version
ST280S IRF-ST280S Datasheet
86Kb / 8P
PHASE CONTROL THYRISTORS Stud Version
ST330S IRF-ST330S Datasheet
223Kb / 8P
PHASE CONTROL THYRISTORS Stud Version
logo
Naina Semiconductor ltd...
40NT NAINA-40NT Datasheet
147Kb / 2P
Phase Control Thyristors, 40A (Stud and Lead Type)
56NT NAINA-56NT Datasheet
152Kb / 2P
Phase Control Thyristors, 56A (Stud and Lead Type)
25NT NAINA-25NT_17 Datasheet
149Kb / 2P
Phase Control Thyristors (Stud Type), 25A
40NT NAINA-40NT_17 Datasheet
173Kb / 2P
Phase Control Thyristors (Stud & Lead Type), 40A
150NT NAINA-150NT_17 Datasheet
109Kb / 2P
Phase Control Thyristors (Stud Type), 150A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com