Electronic Components Datasheet Search
  English  ▼

X  

85NS Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

Part # 85NS
Description  Standard Recovery Diodes (Stud and Lead Type), 85A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

85NS Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  85NS_17 Datasheet HTML 1Page - Naina Semiconductor ltd. 85NS_17 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor Ltd.
85NS(R)
2
D-95, Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120-4273653
sales@nainasemi.com
•
www.nainasemi.com
Package Outline
Dimensions for DO-203AB (DO-5) (in millimeters)
Ordering Table
85
NS
R
120
1
2
3
4
1 – Current Rating =
IF (AV)
2 – Rectifier Diode
3 – Polarity:
None = Normal (Cathode to Stud)
R = Reverse (Anode to Stud)
4 – Voltage Code x 10 = VRRM (See Voltage Ratings Table)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com