Electronic Components Datasheet Search
  English  ▼

X  

LA7849 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA7849
Description  E/W DRIVE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7849 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA7849 Datasheet HTML 1Page - Sanyo Semicon Device LA7849 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LA7849
No.7878-2/2
動作特性/Ta=25℃,+B6=30V
項目
記号
条件
min
typ
max
unit
偏向出力飽和電圧(下)
Vsat2-1
I2=1.1A
1.5
V
偏向出力飽和電圧(上)
Vsat3-2
I2=-1.1A
3.2
V
ポンプアップ充電飽和電圧
Vsat7-1
I7=20mA
1.8
V
ポンプアップ放電飽和電圧
Vsat6-7
I7=-1.1A
3.2
V
アイドリング電流
Idl
15
50
mA
中点電圧
Vmid
14.0
15.0
16.0
V
EWドライブ飽和電圧
Vsat10-1
I10=500mA
1.5
V
注)+はICに流入する電流,−はICから流出する電流
外形図
unit:mm
3024B
PS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com