Electronic Components Datasheet Search
  English  ▼

X  

NHQ45 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # NHQ45
Description  Single Phase Half Controlled Bridge Rectifier, 45 Amps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

NHQ45 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  NHQ45 Datasheet HTML 1Page - Naina Semiconductor ltd. NHQ45 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
NHQ45
1
D-95, Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120-4273653
sales@nainasemi.com
•
www.nainasemi.com
Single Phase Half Controlled Bridge Rectifier, 45 Amps
Features
•
Easy connections, screw type terminals
•
Good surge current capability
•
Low forward voltage drop
•
Easy mounting
Voltage Ratings (TJ = 25oC unless otherwise noted)
Type
number
Voltage
code
VRRM, Max.
repetitive peak
reverse voltage
(V)
VRSM, Max. non-
repetitive peak
reverse voltage
(V)
IRRM max
@ TJ max
(mA)
NHQ45
80
800
900
5.0
100
1000
1100
120
1200
1300
140
1400
1500
160
1600
1700
Electrical Specifications (TJ = 25oC unless otherwise noted)
Parameters
Conditions
Symbol
Values
Units
Maximum on-state average current
TC = 85oC
IdAVM
45
A
Forward surge current (non-repetitive), one cycle
f = 50Hz, TVJ = TVJM, VR = 0
IFSM, ITSM
470
A
Maximum forward voltage drop
IT = 45A, TVJ = 25 oC
VTM
1.35
V
Current required for fusing
f = 50Hz, TVJ = TVJM, VR = 0
I2t
1100
A2s
Maximum rate of rise of on-state current
TVJ = TVJM, f = 50Hz, IT = ITAVM
di/dt
500
A/µs
Critical rate of rise of off-state voltage
TVJ = TVJM, VDR = 2/3 VDRM
dv/dt
1000
V/µs
Gate voltage to trigger
VD = 6V, TVJ = 25 oC
VGT
1.0
V
Gate current to trigger
VD = 6V, TVJ = 25 oC
IGT
100
mA
Holding current
TVJ = 25 oC, VD = 6V
IH
150
mA
Latching current
TVJ = 25 oC
IL
200
mA
RMS isolation voltage
f = 50Hz
VISO
3000
V
Thermal and Mechanical Specifications (TJ = 25oC unless otherwise noted)
Parameters
Symbol
Values
Units
Operating junction temperature range
TVJ
- 40 to + 125
oC
Maximum junction temperature
TVJM
125
oC
Maximum storage temperature range
TSTG
- 40 to + 125
oC
Maximum thermal resistance, junction to case
Rth(J-C)
0.25
oC/W
Mounting torque ±10%
to heatsink
F
3.5
Nm
to terminal
3.5
Approximate weight
W
170
g


Similar Part No. - NHQ45

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NHQ45A NAINA-NHQ45A Datasheet
167Kb / 2P
Single Phase Half Controlled Bridge Rectifier, 45A
NHQ45A100 NAINA-NHQ45A100 Datasheet
167Kb / 2P
Single Phase Half Controlled Bridge Rectifier, 45A
NHQ45A120 NAINA-NHQ45A120 Datasheet
167Kb / 2P
Single Phase Half Controlled Bridge Rectifier, 45A
NHQ45A140 NAINA-NHQ45A140 Datasheet
167Kb / 2P
Single Phase Half Controlled Bridge Rectifier, 45A
NHQ45A160 NAINA-NHQ45A160 Datasheet
167Kb / 2P
Single Phase Half Controlled Bridge Rectifier, 45A
More results

Similar Description - NHQ45

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VHFD16 IXYS-VHFD16 Datasheet
86Kb / 3P
Half Controlled Single Phase Rectifier Bridge
VHF15-08IO5 IXYS-VHF15-08IO5 Datasheet
95Kb / 3P
Half Controlled Single Phase Rectifier Bridge
VHFD29 IXYS-VHFD29 Datasheet
85Kb / 3P
Half Controlled Single Phase Rectifier Bridge
logo
Powersem GmbH
PSBH25 POWERSEM-PSBH25 Datasheet
189Kb / 2P
Single Phase Half Controlled Rectifier Bridge
PSBZ36 POWERSEM-PSBZ36 Datasheet
182Kb / 2P
Single Phase Half Controlled Rectifier Bridge
logo
Naina Semiconductor ltd...
NFQ45 NAINA-NFQ45 Datasheet
158Kb / 2P
Single Phase Full Controlled Bridge Rectifier, 45 Amps
NHQ60 NAINA-NHQ60 Datasheet
154Kb / 2P
Single Phase Half Controlled Bridge Rectifier, 60 Amps
NHQ75 NAINA-NHQ75 Datasheet
154Kb / 2P
Single Phase Half Controlled Bridge Rectifier, 75 Amps
NHS100 NAINA-NHS100 Datasheet
184Kb / 2P
Three Phase Half Controlled Bridge Rectifier, 100 Amps
logo
MacMic
MMK35LB160HB MACMIC-MMK35LB160HB Datasheet
554Kb / 4P
Half Controlled Single Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com