Electronic Components Datasheet Search
  English  ▼

X  

NP3502 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # NP3502
Description  Press Fit Diode, 35A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

NP3502 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  NP3502 Datasheet HTML 1Page - Naina Semiconductor ltd. NP3502 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
NP3502(R) thru
NP3506(R)
1
D-95, Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120-4273653
sales@nainasemi.com
•
www.nainasemi.com
Press Fit Diode, 35A
Features
•
Low Leakage
•
Low Forward Voltage Drop
•
Low Cost
•
High Surge Current Capability
Mechanical Characteristics
•
Chip: Gpp Chip
•
Encapsulation: Epoxy Sealed
•
Lead: Plated Lead, Solderable
•
Mounting: Press Fit
•
Weight: 6.5 grams (approx.)
Electrical Characteristics (TA = 25
0C unless otherwise specified)
Parameter
Symbol
NP3502(R)
NP3504(R)
NP3506(R)
Units
Maximum repetitive peak reverse
voltage
VRRM
200
400
600
V
Maximum RMS Voltage
VRMS
140
280
420
V
Maximum DC Blocking Voltage
VDC
200
400
600
V
Maximum average forward output
current @ TA = 105
0C
IF(AV)
35
A
Peak forward surge current (8.3ms)
single half sine-wave superimposed
on rated load
IFSM
400
A
Maximum instantaneous forward
voltage drop @ 100 A
VF
1.0
V
Maximum DC reverse
current at rated DC
blocking voltage
TA = 25
0C
IR
5.0
µA
TA = 100
0C
450
Typical Thermal Resistance
Rθ(j-c)
0.8
oC/W
Operating and storage temperature
TJ, TSTG
-65 to +175
oC
PRESS-FIT DIODE


Similar Part No. - NP3502

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NP3502R NAINA-NP3502R Datasheet
136Kb / 2P
Press Fit Diode, 35A
More results

Similar Description - NP3502

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BD3500 WTE-BD3500 Datasheet
23Kb / 2P
35A BOSCH TYPE PRESS-FIT DIODE
PF3500 WTE-PF3500 Datasheet
23Kb / 2P
35A 1/2 PRESS-FIT DIODE
BD3500 WTE-BD3500_06 Datasheet
30Kb / 2P
35A BOSCH TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500_06 Datasheet
29Kb / 2P
35A LUCAS TYPE PRESS-FIT DIODE
PF3500 WTE-PF3500_06 Datasheet
30Kb / 2P
35A 1/2" PRESS-FIT DIODE
logo
Naina Semiconductor ltd...
NP3502R NAINA-NP3502R Datasheet
136Kb / 2P
Press Fit Diode, 35A
logo
Won-Top Electronics
BD3500 WTE-BD3500_14 Datasheet
32Kb / 2P
35A BOSCH TYPE PRESS-FIT DIODE
LD3500 WTE-LD3500_14 Datasheet
32Kb / 2P
35A LUCAS TYPE PRESS-FIT DIODE
MD3500 WTE-MD3500_14 Datasheet
32Kb / 2P
35A MOTOROLA TYPE PRESS-FIT DIODE
PF3500 WTE-PF3500_14 Datasheet
32Kb / 2P
35A 1/2??PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com