Electronic Components Datasheet Search
  English  ▼

X  

NP5002 Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # NP5002
Description  Press Fit Diode, 50A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

NP5002 Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  NP5002 Datasheet HTML 1Page - Naina Semiconductor ltd. NP5002 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
NP5002(R) thru
NP5006(R)
1
D-95, Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120-4273653
sales@nainasemi.com
•
www.nainasemi.com
Press Fit Diode, 50A
Features
•
Low Leakage
•
Low Forward Voltage Drop
•
Low Cost
•
High Surge Current Capability
Mechanical Characteristics
•
Chip: Gpp Chip
•
Encapsulation: Epoxy Sealed
•
Lead: Plated Lead, Solderable
•
Mounting: Press Fit
•
Weight: 6.5 grams (approx.)
Electrical Characteristics (TA = 25
0C unless otherwise specified)
Parameter
Symbol
NP5002(R)
NP5004(R)
NP5006(R)
Units
Maximum repetitive peak reverse
voltage
VRRM
200
400
600
V
Maximum RMS Voltage
VRMS
140
280
420
V
Maximum DC Blocking Voltage
VDC
200
400
600
V
Maximum average forward output
current @ TA = 105
0C
IF(AV)
50
A
Peak forward surge current (8.3ms)
single half sine-wave superimposed
on rated load
IFSM
600
A
Maximum instantaneous forward
voltage drop @ 100 A
VF
1.1
V
Maximum DC reverse
current at rated DC
blocking voltage
TA = 25
0C
IR
5.0
µA
TA = 100
0C
450
Typical Thermal Resistance
Rθ(j-c)
0.8
oC/W
Operating and storage temperature
TJ, TSTG
-65 to +175
oC
PRESS-FIT DIODE


Similar Part No. - NP5002

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NP5002R NAINA-NP5002R Datasheet
135Kb / 2P
Press Fit Diode, 50A
More results

Similar Description - NP5002

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BD5000 WTE-BD5000 Datasheet
23Kb / 2P
50A BOSCH TYPE PRESS-FIT DIODE
PF5000 WTE-PF5000 Datasheet
23Kb / 2P
50A 1/2 PRESS-FIT DIODE
BD5000 WTE-BD5000_06 Datasheet
30Kb / 2P
50A BOSCH TYPE PRESS-FIT DIODE
MD5000 WTE-MD5000 Datasheet
30Kb / 2P
50A MOTOROLA TYPE PRESS-FIT DIODE
PF5000 WTE-PF5000 Datasheet
30Kb / 2P
50A 1/2 PRESS-FIT DIODE
logo
Naina Semiconductor ltd...
NP5002R NAINA-NP5002R Datasheet
135Kb / 2P
Press Fit Diode, 50A
logo
Won-Top Electronics
BD5000 WTE-BD5000_14 Datasheet
32Kb / 2P
50A BOSCH TYPE PRESS-FIT DIODE
MD5000 WTE-MD5000_14 Datasheet
32Kb / 2P
50A MOTOROLA TYPE PRESS-FIT DIODE
MD5020 WTE-MD5020_14 Datasheet
32Kb / 2P
50A AVALANCHE MOTOROLA TYPE PRESS-FIT DIODE
PF5000 WTE-PF5000_14 Datasheet
32Kb / 2P
50A 1/2 PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com