Electronic Components Datasheet Search
  English  ▼

X  

NP5034R Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # NP5034R
Description  TVS Auto Rectifier, 50A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

NP5034R Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  NP5034R Datasheet HTML 1Page - Naina Semiconductor ltd. NP5034R Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
NP5020(R) thru
NP5034(R)
1
D-95, Sector 63, Noida – 201301, India
•
Tel: 0120-4205450
•
Fax: 0120-4273653
sales@nainasemi.com
•
www.nainasemi.com
TVS Auto Rectifier, 50A
Features
•
Low Leakage
•
Low Forward Voltage Drop
•
Low Cost
•
High Surge Current Capability
Mechanical Characteristics
•
Encap: Epoxy Sealed
•
Lead: Plated Lead, Solderable
•
Mounting: Press Fit
•
Weight: 6.5 grams (approx.)
Electrical Characteristics (TA = 25
0C unless otherwise specified)
Parameter
Symbol
NP5020(R)
NP5024(R)
NP5034(R)
Units
Maximum repetitive peak reverse
voltage
VRRM
20
24
34
V
Maximum RMS Voltage
VRMS
14
17
24
V
Maximum DC Blocking Voltage
VDC
20
24
34
V
Maximum average forward output
current @ TA = 50
0C
IF(AV)
50
A
Peak forward surge current (8.3ms)
single half sine-wave superimposed
on rated load
IFSM
600
A
Maximum instantaneous forward
voltage drop @ 100 A
VF
1.2
V
Maximum DC reverse
current at rated DC
blocking voltage
TA = 25
0C
IR
1.0
µA
TA = 100
0C
150
Typical Thermal Resistance
Rθ(j-c)
0.8
oC/W
Operating and storage temperature
TJ, TSTG
-40 to +175
oC
PRESS-FIT DIODE


Similar Part No. - NP5034R

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
NP503 SHUNYE-NP503 Datasheet
235Kb / 2P
1/2 PRESS-FIT STRAIGHT LEAD DIODES
logo
Nell Semiconductor Co.,...
NP503 NELLSEMI-NP503 Datasheet
747Kb / 7P
Power Modules Passivated Assembled Circuit Elements
logo
NIHON DEMPA KOGYO
NP5032S NDK-NP5032S Datasheet
616Kb / 2P
Base-stations, GbEthernet, Optical transmission device, and Server
NP5032S NDK-NP5032S Datasheet
599Kb / 2P
Multi Mode Simple Packaged Crystal Oscillator
NP5032SA NDK-NP5032SA Datasheet
635Kb / 2P
Simple Packaged Crystal Oscillator (SPXO)
More results

Similar Description - NP5034R

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
C50A WTE-C50A Datasheet
23Kb / 2P
50A AUTOMOTIVER RECTIFIER CELL
logo
Littelfuse
SPLV2.8 LITTELFUSE-SPLV2.8 Datasheet
259Kb / 4P
SPLV2.8 Series 2.8V 50A TVS Array
logo
Digitron Semiconductors
MUR5005 DIGITRON-MUR5005 Datasheet
156Kb / 3P
50A SCHOTTKY RECTIFIER
logo
Naina Semiconductor ltd...
NP2520R NAINA-NP2520R Datasheet
117Kb / 2P
TVS Auto Rectifier, 25A
NP3520R NAINA-NP3520R Datasheet
117Kb / 2P
TVS Auto Rectifier, 35A
NP5020R NAINA-NP5020R Datasheet
117Kb / 2P
TVS Auto Rectifier, 50A
logo
YENYO TECHNOLOGY Co., L...
C15002 YENYO-C15002 Datasheet
662Kb / 2P
Auto Rectifier
logo
Fairchild Semiconductor
RHRG5060_F085 FAIRCHILD-RHRG5060_F085 Datasheet
416Kb / 6P
50A, 600V Hyperfast Rectifier
logo
Naina Semiconductor ltd...
NP2520 NAINA-NP2520 Datasheet
117Kb / 2P
TVS Auto Rectifier, 25A
NP3520 NAINA-NP3520 Datasheet
117Kb / 2P
TVS Auto Rectifier, 35A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com