Electronic Components Datasheet Search
  English  ▼

X  

LF353 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF353
Description  Wide Bandwidth Dual JFET Input Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF353 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LF353 Datasheet HTML 1Page - National Semiconductor (TI) LF353 Datasheet HTML 2Page - National Semiconductor (TI) LF353 Datasheet HTML 3Page - National Semiconductor (TI) LF353 Datasheet HTML 4Page - National Semiconductor (TI) LF353 Datasheet HTML 5Page - National Semiconductor (TI) LF353 Datasheet HTML 6Page - National Semiconductor (TI) LF353 Datasheet HTML 7Page - National Semiconductor (TI) LF353 Datasheet HTML 8Page - National Semiconductor (TI) LF353 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LF353
Wide Bandwidth Dual JFET Input Operational Amplifier
General Description
These devices are low cost, high speed, dual JFET input
operational amplifiers with an internally trimmed input offset
voltage (BI-FET II™ technology). They require low supply
current yet maintain a large gain bandwidth product and fast
slew rate. In addition, well matched high voltage JFET input
devices provide very low input bias and offset currents. The
LF353 is pin compatible with the standard LM1558 allowing
designers to immediately upgrade the overall performance of
existing LM1558 and LM358 designs.
These amplifiers may be used in applications such as high
speed integrators, fast D/A converters, sample and hold
circuits and many other circuits requiring low input offset
voltage, low input bias current, high input impedance, high
slew rate and wide bandwidth. The devices also exhibit low
noise and offset voltage drift.
Features
n
Internally trimmed offset voltage:
10 mV
n
Low input bias current:
50pA
n
Low input noise voltage:
25 nV/
√Hz
n
Low input noise current:
0.01 pA/
√Hz
n
Wide gain bandwidth:
4 MHz
n
High slew rate:
13 V/µs
n
Low supply current:
3.6 mA
n
High input impedance:
10
12
Ω
n
Low total harmonic distortion :
≤0.02%
n
Low 1/f noise corner:
50 Hz
n
Fast settling time to 0.01%:
2 µs
Typical Connection
00564914
Simplified Schematic
1/2 Dual
00564916
Connection Diagram
Dual-In-Line Package
00564917
Top View
Order Number LF353M, LF353MX or LF353N
See NS Package Number M08A or N08E
BI-FET II™ is a trademark of National Semiconductor Corporation.
December 2003
© 2003 National Semiconductor Corporation
DS005649
www.national.com


Similar Part No. - LF353

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LF353 MOTOROLA-LF353 Datasheet
101Kb / 4P
FAMILY OF JFET OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LF353 STMICROELECTRONICS-LF353 Datasheet
99Kb / 9P
WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
Jun-1998
logo
Fairchild Semiconductor
LF353 FAIRCHILD-LF353 Datasheet
40Kb / 6P
Dual Operational Amplifier (JFET)
logo
STMicroelectronics
LF353 STMICROELECTRONICS-LF353 Datasheet
723Kb / 9P
WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
Mar-2001
logo
Texas Instruments
LF353 TI1-LF353 Datasheet
633Kb / 16P
LF353 Wide Bandwidth Dual JFET Input Operational Amplifier
More results

Similar Description - LF353

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TL082 NSC-TL082 Datasheet
821Kb / 12P
Wide Bandwidth Dual JFET Input Operational Amplifier
LF351 NSC-LF351 Datasheet
246Kb / 10P
LF351 Wide Bandwidth JFET Input Operational Amplifier
TL081 NSC-TL081 Datasheet
235Kb / 8P
WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF351 TI1-LF351 Datasheet
449Kb / 14P
LF351 Wide Bandwidth JFET Input Operational Amplifier
LF353 TI1-LF353 Datasheet
633Kb / 16P
LF353 Wide Bandwidth Dual JFET Input Operational Amplifier
TL082-N TI1-TL082-N Datasheet
1Mb / 16P
TL082 Wide Bandwidth Dual JFET Input Operational Amplifier
LF353-N TI-LF353-N Datasheet
1,018Kb / 17P
LF353-N Wide Bandwidth Dual JFET Input Operational Amplifier
LF353-N TI1-LF353-N Datasheet
1,018Kb / 17P
Wide Bandwidth Dual JFET Input Operational Amplifier
TL082-N TI1-TL082-N_13 Datasheet
1Mb / 23P
Wide Bandwidth Dual JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
Wide Bandwidth Quad JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com