Electronic Components Datasheet Search
  English  ▼

X  

SIFA63 Datasheet(PDF) 1 Page - Vitec Power

Part # SIFA63
Description  63W Open Frame Power Supply for Industrial Equipment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIFA63 Datasheet(HTML) 1 Page - Vitec Power

  SIFA63 Datasheet HTML 1Page - Vitec Power SIFA63 Datasheet HTML 2Page - Vitec Power SIFA63 Datasheet HTML 3Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SIFA63 SERIES
63W Open Frame Power Supply for Industrial Equipment
– Wide Input Voltage81 to 275 VAC, 47 to 400 Hz or 90 to 300VDC
– Single to Quad Output
– Molex connecter (2 pin)
– Output Voltage Available from 3VDC through 48VDC
– Input connector mates with Molex housing 09-50-3031 and Molex 2478 series crimp terminal.
– Output connector mates with Molex housing 09-50-3081 and Molex 2478 series crimp terminal.
– Class I Insulation
– Operating temperature -20~70℃
– Size: 3"x5"x1.1"
– Power Fail Detect (Optional)
3 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Output Current
Total Regulation
Maximum Output Power
SIFA63-S01
3 - 5 VDC
16.66 - 10.0 A
5%
50W
SIFA63-S02
5 - 6 VDC
11.0 - 9.16 A
5%
55W
SIFA63-S03
6 - 8 VDC
10.0 - 7.50 A
4%
60W
SIFA63-S04
8 - 11 VDC
7.87 - 5.72 A
3%
63W
SIFA63-S05
11 - 13 VDC
5.72 - 4.84 A
3%
63W
SIFA63-S05-1
11 - 13 VDC
4.09 - 3.46 A
3%
45W
SIFA63-S06
13 - 16 VDC
4.84 - 3.93 A
3%
63W
SIFA63-S07
16 - 21 VDC
3.93 - 3.00 A
3%
63W
SIFA63-S08
21 - 27 VDC
3.00 - 2.33 A
2%
63W
SIFA63-S09
27 - 33 VDC
2.33 - 1.90 A
2%
63W
SIFA63-S10
33 - 40 VDC
1.90 - 1.57 A
2%
63W
SIFA63-S11
40 - 48 VDC
1.57 - 1.31 A
2%
63W
Multi Output
Product Number
Output #1
Output #2
Output #3
Output #4
Maximum
Output
Power
Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax
SIFA63-D00
+3.3V
1.4A
7A
7%
+12V
0.6A
3A
5%
59.1W
SIFA63-D01
+5V
0.7A
7A
5%
+12V
0.3A
3A
5%
63W
SIFA63-D02
+5V
0.7A
7A
5%
+15V
0.3A
3A
5%
63W
SIFA63-D03
+5V
0.7A
7A
5%
+24V
0.4A
2A
5%
63W
SIFA63-D04
+3.3V
1.4A
7A
7%
+5V
0.5A
5A
5%
48.1W
SIFA63-D15
+5V
0.7A
7A
5%
-24V
0.2A
2A
5%
63W
SIFA63-T00
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
63W
SIFA63-T00-1
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
63W
SIFA63-T01
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-5V
0A
0.8A
5%
63W
SIFA63-T01-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+5V
0A
0.8A
5%
63W
SIFA63-T02
+5V
0.6A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
63W
SIFA63-T02-1
+5V
0.6A
6A
5%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
63W
SIFA63-T03
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
63W
SIFA63-T03-1
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
+15V
0A
0.8A
5%
63W
SIFA63-T05
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
-12V
0A
0.8A
5%
63W
SIFA63-T05-1
+5V
1.2A
6A
5%
+24V
0.4A
2A
5%
+12V
0A
0.8A
5%
63W
SIFA63-T06
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-5V
0A
0.8A
5%
59.8W
SIFA63-T06-1
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+5V
0A
0.8A
5%
59.8W
SIFA63-T08
+3.3V
0.5A
5A
7%
+5V
0.5A
5A
5%
-12V
0A
1A
5%
53.5W
SIFA63-T08-1
+3.3V
0.5A
5A
7%
+5V
0.5A
5A
5%
+12V
0A
1A
5%
53.5W
SIFA63-Q00
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SIFA63-Q00-1
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SIFA63-Q00-2
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SIFA63-Q00-3
+3.3V
1.2A
6A
7%
+12V
0.6A
3A
5%
+12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SIFA63-Q01
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SIFA63-Q01-1
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SIFA63-Q01-2
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
-5V
0A
0.8A
5%
63W
SIFA63-Q01-3
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
+12V
0A
0.8A
5%
+5V
0A
0.8A
5%
63W
SIFA63-Q02
+5V
1.2A
6A
5%
+12V
0.6A
3A
5%
-12V
0A
0.8A
5%
-12V
0A
0.8A
5%
63W


Similar Part No. - SIFA63

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIFA63-D00 Vitec-SIFA63-D00 Datasheet
545Kb / 3P
63W Open Frame Power Supply for Industrial Equipment
SIFA63-D01 Vitec-SIFA63-D01 Datasheet
545Kb / 3P
63W Open Frame Power Supply for Industrial Equipment
SIFA63-D02 Vitec-SIFA63-D02 Datasheet
545Kb / 3P
63W Open Frame Power Supply for Industrial Equipment
SIFA63-D03 Vitec-SIFA63-D03 Datasheet
545Kb / 3P
63W Open Frame Power Supply for Industrial Equipment
SIFA63-D04 Vitec-SIFA63-D04 Datasheet
545Kb / 3P
63W Open Frame Power Supply for Industrial Equipment
More results

Similar Description - SIFA63

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIFA60-SERIES Vitec-SIFA60-SERIES Datasheet
534Kb / 3P
63W Open Frame Power Supply for Industrial Equipment
SIFA61-SERIES Vitec-SIFA61-SERIES Datasheet
535Kb / 3P
63W Open Frame Power Supply for Industrial Equipment
SIFA62-SERIES Vitec-SIFA62-SERIES Datasheet
544Kb / 3P
63W Open Frame Power Supply for Industrial Equipment
SIFA63-SERIES Vitec-SIFA63-SERIES Datasheet
545Kb / 3P
63W Open Frame Power Supply for Industrial Equipment
SMFA60-SERIES Vitec-SMFA60-SERIES Datasheet
413Kb / 2P
63W Open Frame Power Supply for Medical Equipment
SIFA60 Vitec-SIFA60 Datasheet
534Kb / 3P
63W Open Frame Power Supply for Industrial Equipment
SIFA61 Vitec-SIFA61 Datasheet
535Kb / 3P
63W Open Frame Power Supply for Industrial Equipment
SIFA62 Vitec-SIFA62 Datasheet
544Kb / 3P
63W Open Frame Power Supply for Industrial Equipment
SMFA60 Vitec-SMFA60 Datasheet
413Kb / 2P
63W Open Frame Power Supply for Medical Equipment
SMFA61 Vitec-SMFA61 Datasheet
426Kb / 2P
63W Open Frame Power Supply for Medical Equipment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com