Electronic Components Datasheet Search
  English  ▼

X  

TLV2770CD Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2770CD
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2770CD Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2770CD Datasheet HTML 4Page - Texas Instruments TLV2770CD Datasheet HTML 5Page - Texas Instruments TLV2770CD Datasheet HTML 6Page - Texas Instruments TLV2770CD Datasheet HTML 7Page - Texas Instruments TLV2770CD Datasheet HTML 8Page - Texas Instruments TLV2770CD Datasheet HTML 9Page - Texas Instruments TLV2770CD Datasheet HTML 10Page - Texas Instruments TLV2770CD Datasheet HTML 11Page - Texas Instruments TLV2770CD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7V HIGHSLEW RATE RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209G − JANUARY 1998 − REVISED FEBRUARY 2004
8
WWW.TI.COM
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLV277xC
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
TLV2770/1/2
V
= 0,
V
= 0,
25
°C
0.5
2.5
VIO
Input offset voltage
TLV2770/1/2
VIC = 0,
RS = 50 Ω
VO = 0,
VDD = ±2.5 V,
Full range
0.6
2.7
mV
VIO
Input offset voltage
TLV2773/4/5
RS = 50 Ω,
No load
O
VDD = ±2.5 V,
25
°C
0.7
2.5
mV
TLV2773/4/5
No load
Full range
0.78
2.7
VIO
Temperature coefficient of input
25
°C to
2
V/
°C
αVIO
Temperature coefficient of input
offset voltage
25 C to
125
°C
2
µV/°C
IIO
Input offset current
VIC = 0,
VO = 0,
25
°C
1
60
pA
IIO
Input offset current
VIC = 0,
RS = 50 Ω
VO = 0,
VDD = ±2.5 V
Full range
2
100
pA
IIB
Input bias current
RS = 50 Ω
VDD = 2.5 V
25
°C
2
60
pA
IIB
Input bias current
Full range
6
100
pA
IOH = − 1.3 mA
25
°C
4.9
VOH
High-level output voltage
IOH = − 1.3 mA
Full range
4.8
V
VOH
High-level output voltage
IOH = − 4.2 mA
25
°C
4.7
V
IOH = − 4.2 mA
Full range
4.4
VIC = 2.5 V,
IOL = 1.3 mA
25
°C
0.1
VOL
Low-level output voltage
VIC = 2.5 V,
IOL = 1.3 mA
Full range
0.2
V
VOL
Low-level output voltage
VIC = 2.5 V,
IOL = 4.2 mA
25
°C
0.21
V
VIC = 2.5 V,
IOL = 4.2 mA
Full range
0.6
AVD
Large-signal differential voltage
VIC = 2.5 V,
RL = 10 kΩ,
25
°C
20
450
V/mV
AVD
Large-signal differential voltage
amplification
VIC = 2.5 V,
VO = 1 V to 4 V
RL = 10 kΩ,
Full range
13
V/mV
ri(d)
Differential input resistance
25
°C
1012
Ω
ci(c)
Common-mode input capacitance
f = 10 kHz
25
°C
8
pF
zo
Closed-loop output impedance
f = 100 kHz,
AV = 10
25
°C
20
Ω
CMRR
Common-mode rejection ratio
VIC = 0 to 3.7 V,
VO = VDD /2,
25
°C
70
96
dB
CMRR
Common-mode rejection ratio
VIC = 0 to 3.7 V,
RS = 50 Ω
VO = VDD /2,
Full range
70
93
dB
kSVR
Supply voltage rejection ratio
VDD = 2.7 V to 5 V,
VIC = VDD /2,
25
°C
70
89
dB
kSVR
Supply voltage rejection ratio
(
∆VDD /∆VIO)
VDD = 2.7 V to 5 V,
No load
VIC = VDD /2,
Full range
70
84
dB
IDD
Supply current (per channel)
VO = VDD /2,
No load
25
°C
1
2
mA
IDD
Supply current (per channel)
VO = VDD /2,
No load
Full range
2
mA
IDD(SHDN)
Supply current in shutdown (per
25
°C
0.8
1.5
A
IDD(SHDN)
Supply current in shutdown (per
channel)
Full range
1.3
2
µA
TLV2770
2.59
V(ON)
Turnon voltage level
TLV2773
AV = 5
25
°C
2.47
V
V(ON)
Turnon voltage level
TLV2775
AV = 5
25 C
2.48
V
TLV2770
2.41
V(OFF)
Turnoff voltage level
TLV2773
AV = 5
25
°C
2.32
V
V(OFF)
Turnoff voltage level
TLV2775
AV = 5
25 C
2.29
V
† Full range is 0°C to 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com