Electronic Components Datasheet Search
  English  ▼

X  

STFA31 Datasheet(PDF) 1 Page - Vitec Power

Part # STFA31
Description  30W Open Frame Power Supply for I.T. Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STFA31 Datasheet(HTML) 1 Page - Vitec Power

  STFA31 Datasheet HTML 1Page - Vitec Power STFA31 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STFA31 SERIES
30W Open Frame Power Supply for I.T. Equipment
– Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
– Single Output
– Output voltage available from 5 to 48 VDC
– Molex Connector (2 pins)
– Input connector mates with Molex housing 09-50-3031 and Molex 2478 series crimp
terminal
– Output connector mates with Molex housing 09-50-3041 and Molex 2478 series crimp
terminal
– Input Surge Current, Over Voltage and Overload Protection
– All units are 100% burned in and tested
– Size: 1.5 "x4"x 0.83"
2 Year Warranty
Approvals:
Single Output
Model Number
Output Voltage
Output Current
Total Regulation
Maximum Output Power
STFA31-S02
5 ~ 6 VDC
4.00 - 3.33 A
5%
20W
STFA31-S03
6 ~ 8 VDC
3.83 - 2.87 A
5%
23W
STFA31-S04
8 ~ 11 VDC
3.38 - 2.45 A
5%
27W
STFA31-S05
11 ~ 13 VDC
2.73 - 2.30 A
5%
30W
STFA31-S06
13 ~ 16 VDC
2.30 - 1.88 A
5%
30W
STFA31-S07
16 ~ 21 VDC
1.88 - 1.43 A
5%
30W
STFA31-S08
21 ~ 27 VDC
1.43 - 1.11 A
3%
30W
STFA31-S09
27 ~ 33 VDC
1.11 - 0.91 A
3%
30W
STFA31-S10
33 ~ 40 VDC
0.91 - 0.75 A
3%
30W
STFA31-S11
40 ~ 48 VDC
0.75 - 0.62 A
3%
30W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
30
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
0.8
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.5
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
12
15
A
High Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=230VAC
26
30
A
Efficiency
Io=Full Load, Vin=230VAC
78
84
88
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
5
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
12
mS
Start Up Time
Io=Full Load, Vin=100VAC
2
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.4
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
Power Consumption
No Load, Vin=240VAC
0.3
W
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
0
40
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100% load at 40°C to 50% load at 70°C


Similar Part No. - STFA31

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STFA31-S02 Vitec-STFA31-S02 Datasheet
401Kb / 2P
30W Open Frame Power Supply for I.T. Equipment
STFA31-S03 Vitec-STFA31-S03 Datasheet
401Kb / 2P
30W Open Frame Power Supply for I.T. Equipment
STFA31-S04 Vitec-STFA31-S04 Datasheet
401Kb / 2P
30W Open Frame Power Supply for I.T. Equipment
STFA31-S05 Vitec-STFA31-S05 Datasheet
401Kb / 2P
30W Open Frame Power Supply for I.T. Equipment
STFA31-S06 Vitec-STFA31-S06 Datasheet
401Kb / 2P
30W Open Frame Power Supply for I.T. Equipment
More results

Similar Description - STFA31

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STFA31-SERIES Vitec-STFA31-SERIES Datasheet
401Kb / 2P
30W Open Frame Power Supply for I.T. Equipment
STFA60-SERIES Vitec-STFA60-SERIES Datasheet
466Kb / 2P
63W Open Frame Power Supply for I.T. Equipment
STFA61-SERIES Vitec-STFA61-SERIES Datasheet
473Kb / 2P
63W Open Frame Power Supply for I.T. Equipment
STFA80-SERIES Vitec-STFA80-SERIES Datasheet
450Kb / 2P
80W Open Frame Power Supply for I.T. Equipment
STFA100-SERIES Vitec-STFA100-SERIES Datasheet
436Kb / 2P
100W Open Frame Power Supply for I.T. Equipment
STFA58 Vitec-STFA58 Datasheet
368Kb / 2P
60W Open Frame Power Supply for I.T. Equipment
STFA60 Vitec-STFA60 Datasheet
466Kb / 2P
63W Open Frame Power Supply for I.T. Equipment
STFA61 Vitec-STFA61 Datasheet
473Kb / 2P
63W Open Frame Power Supply for I.T. Equipment
STFA80 Vitec-STFA80 Datasheet
450Kb / 2P
80W Open Frame Power Supply for I.T. Equipment
STFA81 Vitec-STFA81 Datasheet
451Kb / 2P
80W Open Frame Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com