Electronic Components Datasheet Search
  English  ▼

X  

LM833 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM833
Description  Dual Audio Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM833 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM833 Datasheet HTML 10Page - National Semiconductor (TI) LM833 Datasheet HTML 11Page - National Semiconductor (TI) LM833 Datasheet HTML 12Page - National Semiconductor (TI) LM833 Datasheet HTML 13Page - National Semiconductor (TI) LM833 Datasheet HTML 14Page - National Semiconductor (TI) LM833 Datasheet HTML 15Page - National Semiconductor (TI) LM833 Datasheet HTML 16Page - National Semiconductor (TI) LM833 Datasheet HTML 17Page - National Semiconductor (TI) LM833 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Typical Applications (Continued)
10 Band Graphic Equalizer
00521844
fo(Hz)
C
1
C
2
R
1
R
2
32
0.12µF
4.7µF
75k
Ω
500
Ω
64
0.056µF
3.3µF
68k
Ω
510
Ω
125
0.033µF
1.5µF
62k
Ω
510
Ω
250
0.015µF
0.82µF
68k
Ω
470
Ω
500
8200pF
0.39µF
62k
Ω
470
Ω
1k
3900pF
0.22µF
68k
Ω
470
Ω
2k
2000pF
0.1µF
68k
Ω
470
Ω
4k
1100pF
0.056µF
62k
Ω
470
Ω
8k
510pF
0.022µF
68k
Ω
510
Ω
16k
330pF
0.012µF
51k
Ω
510
Ω
Note 6: At volume of change = ±12 dB
Q = 1.7
Reference: “AUDIO/RADIO HANDBOOK”, National Semiconductor, 1980, Page 2–61
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com