Electronic Components Datasheet Search
  English  ▼

X  

SP3243ECT-L Datasheet(PDF) 3 Page - Exar Corporation

Part # SP3243ECT-L
Description  3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3243ECT-L Datasheet(HTML) 3 Page - Exar Corporation

  SP3243ECT-L Datasheet HTML 1Page - Exar Corporation SP3243ECT-L Datasheet HTML 2Page - Exar Corporation SP3243ECT-L Datasheet HTML 3Page - Exar Corporation SP3243ECT-L Datasheet HTML 4Page - Exar Corporation SP3243ECT-L Datasheet HTML 5Page - Exar Corporation SP3243ECT-L Datasheet HTML 6Page - Exar Corporation SP3243ECT-L Datasheet HTML 7Page - Exar Corporation SP3243ECT-L Datasheet HTML 8Page - Exar Corporation SP3243ECT-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3243E_102_060611
3
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +5.5V with TAMB = TMIN to TMAX,
C1 - C4 = 0.1µF. Typical values apply at V
CC = +3.3V or +5.0V and TAMB = 25°C.
ELECTRICAL CHARACTERISTICS
PARAMETER
MIN.
TYP. MAX. UNITS CONDITIONS
DRIVER OUTPUTS (continued)
Output Resistance
300
Ω
V
CC = V+ = V- = 0V, VOUT=+2V
Output Short-Circuit Current
+35
+60
mA
V
OUT = 0V
Output Leakage Current
+25
µA
V
CC = 0V or 3.0V to 5.5V, VOUT =
+12V, Drivers disabled
RECEIVER INPUTS
Input Voltage Range
-15
15
V
Input Threshold LOW
0.6
1.2
V
Vcc = 3.3V
Input Threshold LOW
0.8
1.5
V
Vcc = 5.0V
Input Threshold HIGH
1.5
2.4
V
Vcc = 3.3V
Input Threshold HIGH
1.8
2.4
V
Vcc = 5.0V
Input Hysteresis
0.3
V
Input Resistance
3
5
7
kΩ
AUTO ON-LINE® CIRCUITRY CHARACTERISTICS (ONLINE = GND, SHUTDOWN = VCC) 25°C
STATUS Output Voltage LOW
0.4
V
I
OUT = 1.6mA
STATUS Output Voltage HIGH
V
CC -0.6
V
I
OUT = -1.0mA
Receiver Threshold to Drivers
Enabled (t
ONLINE)
350
µs
Figure 14
Receiver Positive or Negative
Threshold to STATUS HIGH (t
STSH)
0.2
µs
Figure 14
Receiver Positive or Negative
Threshold to STATUS LOW (t
STSL)
30
µs
Figure 14
TIMING CHARACTERISTICS
Maximum Data Rate (U)
(H)
(B)
( - )
1000
460
250
120
Kbps
R
L = 3KΩ, CL = 250pF, one driver
active
R
L = 3KΩ, CL = 1000pF, one
driver active
R
L = 3KΩ, CL = 1000pF, one
driver active
R
L = 3KΩ, CL = 1000pF, one
driver active
Receiver Propagation Delay
t
PHL
t
PLH
0.15
0.15
µs
Receiver input to Receiver out-
put, C
L = 150pF
Receiver Output Enable Time
200
ns
Normal operation
Receiver Output Disable Time
200
ns
Normal operation
Driver Skew (E, EB)
(EH, EU)
100
50
500
100
ns
| t
PHL - tPLH |
Receiver Skew
50
ns
| t
PHL - tPLH |
Transition-Region Slew Rate
(EH, EU)
(E, EB)
6
90
30
V/µs
Vcc = 3.3V, R
L = 3kΩ, TAMB =
25°C, measurements taken from
-3.0V to +3.0V or +3.0V to -3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com