Electronic Components Datasheet Search
  English  ▼

X  

LM2574BN Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # LM2574BN
Description  52KHZ SIMPLE 0.5A BUCK REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2574BN Datasheet(HTML) 3 Page - Micrel Semiconductor

  LM2574BN Datasheet HTML 1Page - Micrel Semiconductor LM2574BN Datasheet HTML 2Page - Micrel Semiconductor LM2574BN Datasheet HTML 3Page - Micrel Semiconductor LM2574BN Datasheet HTML 4Page - Micrel Semiconductor LM2574BN Datasheet HTML 5Page - Micrel Semiconductor LM2574BN Datasheet HTML 6Page - Micrel Semiconductor LM2574BN Datasheet HTML 7Page - Micrel Semiconductor LM2574BN Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
December 2003
3
M9999-122303
LM2574
Micrel
Absolute Maximum Ratings(1)
Maximum Supply Voltage
LM2574 ..................................................................... 45V
OFF Pin Input Voltage ................................ –0.3V
≤ V ≤ V
IN
Output Voltage to Ground (Steady State) ..................... –1V
Power Dissipation .................................... Internally Limited
Storage Temperature Range (T
S) ............ –65°C to +150°C
Minimum ESD Rating
C = 100pF, R = 1.5k
Ω ............................................... 2kV
FB Pin ....................................................................... 1kV
Lead Temperature (soldering, 10 sec.) ..................... 260
°C
Operating Ratings(1)
Supply Voltage
LM2574 ..................................................................... 40V
Temperature Range
LM2574 ......................................... –40
°C ≤ T
J ≤ +125°C
Maximum Junction Temperature (T
J ............................... 150°C
Electrical Characteristics(2)
Specifications with standard typeface are for T
J = 25°C, and those with boldface type apply over full Operating Temperature Range.
Unless otherwise specified, V
IN = 12V, and ILOAD = 100mA.
Symbol
Parameter
Condition
Min
Typ
Max
Units
System Parameters, Adjustable Regulators(3), Test Circuit
Figure 2
V
OUT
Feedback Voltage
V
IN = 12V, ILOAD = 0.1A, VOUT = 5V
1.217
1.230
1.243
V
V
OUT
Feedback Voltage
0.1A
≤ I
LOAD ≤ 0.5A, 7V≤ VIN ≤ 40V,
1.193
1.230
1.267
V
(LM2574)
V
OUT = 5V
1.180
1.280
V
η
Efficiency
V
IN = 12V, ILOAD = 0.1A, VOUT = 5V
78
%
System Parameters, 3.3V Regulators(3), Test Circuit
Figure 3
V
OUT
Output Voltage
V
IN = 12V, ILOAD = 0.1A, VOUT = 3.3V
3.234
3.3
3.366
V
V
OUT
Output Voltage
0.1A
≤ I
LOAD ≤ 0.5A, 4.75V ≤ VIN ≤ 40V,
3.168
3.3
3.432
V
(LM2574-3.3)
V
OUT = 3.3V
3.135
3.465
V
η
Efficiency
V
IN = 12V, ILOAD = 0.1A
73
%
System Parameters, 5V Regulators(3), Test Circuit
Figure 3
V
OUT
Output Voltage
V
IN = 12V, ILOAD = 0.1A, VOUT = 5V
4.900
5.0
5.100
V
V
OUT
Output Voltage
0.1A
≤ I
LOAD ≤ 0.5A, 7V≤ VIN ≤ 40V,
4.800
5.0
5.200
V
(LM2574-5.0)
V
OUT = 5V
4.750
5.250
V
η
Efficiency
V
IN = 12V, ILOAD = 0.1A, VOUT = 5V
78
%
Notes:
1.
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. “Operating Ratings” indicate for which the device is
intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see
“Electrical
Characteristics.”
2. All limits guaranteed at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits are 100%
production tested. All limits at temperature extremes are guaranteed via testing.
3. External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2574 is used as shown in Figure 1 test circuit, system performance will be shown in system parameters section of
“Electrical Charac-
teristics.”



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com