Electronic Components Datasheet Search
  English  ▼

X  

FMP06N20 Datasheet(PDF) 1 Page - First Components International

Part # FMP06N20
Description  Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMP06N20 Datasheet(HTML) 1 Page - First Components International

  FMP06N20 Datasheet HTML 1Page - First Components International FMP06N20 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VDS= 20V,
ID=6A
RDS(ON), Vgs@2.5V, Ids@5.2A = 40mΩ
RDS(ON), Vgs@4.5V, Ids@6A = 28mΩ
Features
Advanced trench process technology
High Density Cell Design For Ultra Low On-Resistance
High Power and Current handing capability
Fully Characterized Avalanche Voltage and Current
Ideal for Li ion battery pack applications
Maximum Ratings and Thermal Characteristics (T
A = 25
oC unless otherwise noted)
Symbol
Limit
Unit
VDS
20
VGS
+ 12
ID
6
IDM
30
TA = 25
oC
2.0
TA = 75
oC
1.3
TJ, Tstg
-55 to 150
oC
Junction-to-Ambient Thermal Resistance (PCB mounted)
RθJA
62.5
oC/W
Note: 1. Maximum DC current limited by the package
2. 1-in
2oz Cu PCB board
August '05 Rev 2
1
N-Channel MOSFET
W
Drain-Source Voltage
PD
Pulsed Drain Current
Operating Junction and Storage Temperature Range
Continuous Drain Current
Gate-Source Voltage
Maximum Power Dissipation
Parameter
V
A
Top View
Internal Schematic Diagram
TSOP-6
1)
2)
2
Gate2
Drain2
Source2
FMP06N20 20V N-Channel Enhancement-Mode Mosfet


Similar Part No. - FMP06N20

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMP06N20D FCI-FMP06N20D Datasheet
258Kb / 2P
20V N-Channel Enhancement-Mode Mosfet
More results

Similar Description - FMP06N20

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
DIODE-DIODE MODULE
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
Diode-Diode Module
logo
List of Unclassifed Man...
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
Diode-Diode Modules
logo
SEMPO ELECTRONIC Limite...
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
Diode-Diode Module
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
Diode-Diode Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com