Electronic Components Datasheet Search
  English  ▼

X  

FMP06N20D Datasheet(PDF) 1 Page - First Components International

Part # FMP06N20D
Description  20V N-Channel Enhancement-Mode Mosfet
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMP06N20D Datasheet(HTML) 1 Page - First Components International

  FMP06N20D Datasheet HTML 1Page - First Components International FMP06N20D Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VDS= 20V,
ID=6A
RDS(ON), Vgs@2.5V, Ids@5.2A = 40mΩ
RDS(ON), Vgs@4.5V, Ids@6A = 28mΩ
Features
Advanced trench process technology
High Density Cell Design For Ultra Low On-Resistance
High Power and Current handing capability
Fully Characterized Avalanche Voltage and Current
Ideal for Li ion battery pack applications
Maximum Ratings and Thermal Characteristics (T
A = 25
oC unless otherwise noted)
Symbol
Limit
Unit
VDS
20
VGS
+ 12
ID
6
IDM
30
TA = 25
oC
2.0
TA = 75
oC
1.3
TJ, Tstg
-55 to 150
oC
Junction-to-Ambient Thermal Resistance (PCB mounted)
RθJA
62.5
oC/W
Note: 1. Maximum DC current limited by the package
2. 1-in
2oz Cu PCB board
August '05 Rev 2
1
N-Channel MOSFET
W
Drain-Source Voltage
PD
Pulsed Drain Current
Operating Junction and Storage Temperature Range
Continuous Drain Current
Gate-Source Voltage
Maximum Power Dissipation
Parameter
V
A
Top View
Internal Schematic Diagram
TSOP-6
Gate1
Drain1
Source1
1)
2)
2
Gate2
Drain2
Source2
FMP06N20D Dual Die 20V N-Channel Enhancement-Mode Mosfet


Similar Part No. - FMP06N20D

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMP06N20 FCI-FMP06N20 Datasheet
1Mb / 2P
Diode
More results

Similar Description - FMP06N20D

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com