Electronic Components Datasheet Search
  English  ▼

X  

LM2796 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2796
Description  Dual-Display White LED Driver with 3/2x Switched Capacitor Boost
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2796 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2796 Datasheet HTML 1Page - National Semiconductor (TI) LM2796 Datasheet HTML 2Page - National Semiconductor (TI) LM2796 Datasheet HTML 3Page - National Semiconductor (TI) LM2796 Datasheet HTML 4Page - National Semiconductor (TI) LM2796 Datasheet HTML 5Page - National Semiconductor (TI) LM2796 Datasheet HTML 6Page - National Semiconductor (TI) LM2796 Datasheet HTML 7Page - National Semiconductor (TI) LM2796 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Typical Performance Characteristics Unless otherwise specified: V
IN = 3.6V; VDXX = 3.6V; V(EN) =
2.0V; V(ENA) = 2.0V; V(ENB) = 0V; R
SET = 8.3 k
Ω;C
IN,C1,C2, and CPOUT = 1 µF.
LED Current vs. Input Voltage
LED Current vs. R
SET Resistance
20093803
20093804
LED Current vs. PWM Duty Cycle,
PWM Applied to ENA and/or ENB
Charge Pump Output Resistance
vs. Ambient Temperature
20093805
20093806
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com