Electronic Components Datasheet Search
  English  ▼

X  

SIDA20B Datasheet(PDF) 1 Page - Vitec Power

Part # SIDA20B
Description  20W Desktop Power Supply for Industrial Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIDA20B Datasheet(HTML) 1 Page - Vitec Power

  SIDA20B Datasheet HTML 1Page - Vitec Power SIDA20B Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIDA20B SERIES
20W Desktop Power Supply for Industrial Equipment
– Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
– IEC-320-C8 input inlet
– Output Voltage Available From 5VDC Thru 48VDC
– Approved as Limited Power Source (LPS), Splash Proof
– Class II Insulation
– Operating temperature -20~70°C
– Input Surge Current, Over Voltage, and Over Current Protection.
– Energy Star 2.0, CEC V, and RoHS compliance
3 Year Warranty
Approvals:
Single Output
Model Number
Output Voltage
Max. Output Current
Total Regulation
Maximum Output Power
SIDA20B-S02
5 ~ 6 VDC
3.00 ~ 2.50 A
5%
15W
SIDA20B-S05
11 ~ 13 VDC
1.81 ~ 1.53 A
4%
20W
SIDA20B-S06
13 ~ 16 VDC
1.53 ~ 1.25 A
4%
20W
SIDA20B-S08
21 ~ 27 VDC
0.95 ~ 0.74 A
3%
20W
SIDA20B-S09
27 ~ 33 VDC
0.74 ~ 0.60 A
3%
20W
SIDA20B-S11
40 ~ 48 VDC
0.50 ~ 0.41 A
3%
20W
The output voltage under 15V had been approved by TUV/PSE.
To achieve the total regulation at per model the output cable AWG#18/4FT is adopt.
The regulation will be changed by modified output cable.
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
20
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
0.4
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.25
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=115VAC
12
15
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
26
30
A
Efficiency
Io=Full Load, Vin=230VAC
75
85
95
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
1
3
5
%
Over Voltage Protection
Nil
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
12
14
16
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.25
0.5
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.5
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
No-Load Power Consumption
No load, Vin=240VAC
0
0.3
W
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
-20
40
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operation temperature at 25°C, calculated per MIL-HDBK-217F
0.3M
Hrs
Derate linearly from 100% load at 40°C to 50% load at 70°C


Similar Part No. - SIDA20B

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIDA20B-S02 Vitec-SIDA20B-S02 Datasheet
366Kb / 2P
20W Desktop Power Supply for Industrial Equipment
SIDA20B-S05 Vitec-SIDA20B-S05 Datasheet
366Kb / 2P
20W Desktop Power Supply for Industrial Equipment
SIDA20B-S06 Vitec-SIDA20B-S06 Datasheet
366Kb / 2P
20W Desktop Power Supply for Industrial Equipment
SIDA20B-S08 Vitec-SIDA20B-S08 Datasheet
366Kb / 2P
20W Desktop Power Supply for Industrial Equipment
SIDA20B-S09 Vitec-SIDA20B-S09 Datasheet
366Kb / 2P
20W Desktop Power Supply for Industrial Equipment
More results

Similar Description - SIDA20B

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIDA16A-SERIES Vitec-SIDA16A-SERIES Datasheet
422Kb / 2P
15W Desktop Power Supply For Industrial Equipment
SIDA16B-SERIES Vitec-SIDA16B-SERIES Datasheet
346Kb / 2P
15W Desktop Power Supply For Industrial Equipment
SIDA20A-SERIES Vitec-SIDA20A-SERIES Datasheet
390Kb / 2P
20W Desktop Power Supply for Industrial Equipment
SIDA20B-SERIES Vitec-SIDA20B-SERIES Datasheet
366Kb / 2P
20W Desktop Power Supply for Industrial Equipment
SIDA31-SERIES Vitec-SIDA31-SERIES Datasheet
335Kb / 2P
30W Desktop Power Supply for Industrial Equipment
STDA20A-SERIES Vitec-STDA20A-SERIES Datasheet
389Kb / 2P
20W Desktop Power Supply for I.T. Equipment
STDA20B-SERIES Vitec-STDA20B-SERIES Datasheet
381Kb / 2P
20W Desktop Power Supply for I.T. Equipment
SIDA20A Vitec-SIDA20A Datasheet
390Kb / 2P
20W Desktop Power Supply for Industrial Equipment
STDA20A Vitec-STDA20A Datasheet
389Kb / 2P
20W Desktop Power Supply for I.T. Equipment
STDA20B Vitec-STDA20B Datasheet
381Kb / 2P
20W Desktop Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com