Electronic Components Datasheet Search
  English  ▼

X  

SIDA25B Datasheet(PDF) 1 Page - Vitec Power

Part # SIDA25B
Description  25W Desktop Power Supply for Industrial Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIDA25B Datasheet(HTML) 1 Page - Vitec Power

  SIDA25B Datasheet HTML 1Page - Vitec Power SIDA25B Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIDA25B SERIES
25W Desktop Power Supply for Industrial Equipment
– Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
– IEC-320-C8 input inlet
– Output Voltage Available From 5VDC Thru 48VDC
– Approved as Limited Power Source (LPS), Splash Proof
– Class II Insulation
– Operating temperature -20~70°C
– Input Surge Current, Over Voltage, Over Load and Output Voltage protection.
– Energy Star 2.0, CEC V/IV,and RoHS compliance
3 Year Warranty
Approvals:
Single Output
Model Number
Output Voltage
Max. Output Current
Total Regulation
Max Output Power
SIDA25B-S02
05 ~ 06 VDC
3.00 ~ 2.75 A
5%
16.5W
SIDA25B-S03
06 ~ 08 VDC
3.30 ~ 2.50 A
5%
20W
SIDA25B-S04
08 ~ 11 VDC
2.75 ~ 2.00 A
5%
22W
SIDA25B-S05
11 ~ 13 VDC
2.27 ~ 1.92 A
5%
25W
SIDA25B-S06
13 ~ 16 VDC
1.92 ~ 1.56 A
5%
25W
SIDA25B-S07
16 ~ 21 VDC
1.56 ~ 1.19 A
5%
25W
SIDA25B-S08
21 ~ 27 VDC
1.19 ~ 0.92 A
3%
25W
SIDA25B-S09
27 ~ 33 VDC
0.92 ~ 0.75 A
3%
25W
SIDA25B-S10
33 ~ 40 VDC
0.75 ~ 0.62 A
3%
25W
SIDA25B-S11
40 ~ 48 VDC
0.62 ~ 0.52 A
3%
25W
The model number of S02~S04 had been approved by PSE.
The model number of S02~S11 had been approved by CEC Level V.
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
25
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
0.4
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.25
A
Low Line Inrush Current
Io=Full load, 25°C ,Cool start, Vin=115VAC
12
15
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
26
30
A
Efficiency
Io=Full Load, Vin=230VAC
75
85
95
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
1
3
5
%
Over Voltage Protection
Nil
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
12
14
16
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.25
0.5
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.5
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
No-Load Power Consumption
No Load, Vin=240VAC
0
0.4
0.5
W


Similar Part No. - SIDA25B

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIDA25B-S02 Vitec-SIDA25B-S02 Datasheet
389Kb / 2P
25W Desktop Power Supply for Industrial Equipment
SIDA25B-S03 Vitec-SIDA25B-S03 Datasheet
389Kb / 2P
25W Desktop Power Supply for Industrial Equipment
SIDA25B-S04 Vitec-SIDA25B-S04 Datasheet
389Kb / 2P
25W Desktop Power Supply for Industrial Equipment
SIDA25B-S05 Vitec-SIDA25B-S05 Datasheet
389Kb / 2P
25W Desktop Power Supply for Industrial Equipment
SIDA25B-S06 Vitec-SIDA25B-S06 Datasheet
389Kb / 2P
25W Desktop Power Supply for Industrial Equipment
More results

Similar Description - SIDA25B

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIDA25A-SERIES Vitec-SIDA25A-SERIES Datasheet
423Kb / 2P
25W Desktop Power Supply for Industrial Equipment
SIDA25B-SERIES Vitec-SIDA25B-SERIES Datasheet
389Kb / 2P
25W Desktop Power Supply for Industrial Equipment
SIDA25C-SERIES Vitec-SIDA25C-SERIES Datasheet
377Kb / 2P
25W Desktop Power Supply for Industrial Equipment
STDA25A-SERIES Vitec-STDA25A-SERIES Datasheet
424Kb / 2P
25W Desktop Power Supply for I.T. Equipment
STDA25C-SERIES Vitec-STDA25C-SERIES Datasheet
378Kb / 2P
25W Desktop Power Supply for I.T. Equipment
SIDA25A Vitec-SIDA25A Datasheet
423Kb / 2P
25W Desktop Power Supply for Industrial Equipment
SIDA25C Vitec-SIDA25C Datasheet
377Kb / 2P
25W Desktop Power Supply for Industrial Equipment
STDA25A Vitec-STDA25A Datasheet
424Kb / 2P
25W Desktop Power Supply for I.T. Equipment
STDA25B Vitec-STDA25B Datasheet
390Kb / 2P
25W Desktop Power Supply for I.T. Equipment
STDA25C Vitec-STDA25C Datasheet
378Kb / 2P
25W Desktop Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com