Electronic Components Datasheet Search
  English  ▼

X  

LM4903 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4903
Description  1 Watt Audio Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4903 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4903 Datasheet HTML 8Page - National Semiconductor (TI) LM4903 Datasheet HTML 9Page - National Semiconductor (TI) LM4903 Datasheet HTML 10Page - National Semiconductor (TI) LM4903 Datasheet HTML 11Page - National Semiconductor (TI) LM4903 Datasheet HTML 12Page - National Semiconductor (TI) LM4903 Datasheet HTML 13Page - National Semiconductor (TI) LM4903 Datasheet HTML 14Page - National Semiconductor (TI) LM4903 Datasheet HTML 15Page - National Semiconductor (TI) LM4903 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Application Information (Continued)
from sources such as audio codecs. Please refer to the
section, Audio Power Amplifier Design, for a more com-
plete explanation of proper gain selection.
Besides gain, one of the major considerations is the closed-
loop bandwidth of the amplifier. To a large extent, the band-
width is dictated by the choice of external components
shown in Figure 1. The input coupling capacitor, C
i, forms a
first order high pass filter which limits low frequency re-
sponse. This value should be chosen based on needed
frequency response for a few distinct reasons.
Selection Of Input Capacitor Size
Large input capacitors are both expensive and space hungry
for portable designs. Clearly, a certain sized capacitor is
needed to couple in low frequencies without severe attenu-
ation. But in many cases the speakers used in portable
systems, whether internal or external, have little ability to
reproduce signals below 100Hz to 150Hz. Thus, using a
large input capacitor may not increase actual system perfor-
mance.
In addition to system cost and size, click and pop perfor-
mance is effected by the size of the input coupling capacitor,
C
i. A larger input coupling capacitor requires more charge to
reach its quiescent DC voltage (nominally 1/2 V
DD). This
charge comes from the output via the feedback and is apt to
create pops upon device enable. Thus, by minimizing the
capacitor size based on necessary low frequency response,
turn-on pops can be minimized.
Besides minimizing the input capacitor size, careful consid-
eration should be paid to the bypass capacitor value. Bypass
capacitor, C
B, is the most critical component to minimize
turn-on pops since it determines how fast the LM4903 turns
on. The slower the LM4903’s outputs ramp to their quiescent
DC voltage (nominally 1/2 V
DD), the smaller the turn-on pop.
Choosing C
B equal to 1.0µF along with a small value of Ci (in
the range of 0.1µF to 0.39µF), should produce a virtually
clickless and popless shutdown function. While the device
will function properly, (no oscillations or motorboating), with
C
B equal to 0.1µF, the device will be much more susceptible
to turn-on clicks and pops. Thus, a value of C
B equal to
1.0µF is recommended in all but the most cost sensitive
designs.
AUDIO POWER AMPLIFIER DESIGN
A 1W/8
Ω Audio Amplifier
Given:
Power Output
1 Wrms
Load Impedance
8
Ω
Input Level
1 Vrms
Input Impedance
20 k
Ω
Bandwidth
100 Hz–20 kHz ± 0.25 dB
A designer must first determine the minimum supply rail to
obtain the specified output power. By extrapolating from the
Output Power vs Supply Voltage graphs in the Typical Per-
formance Characteristics section, the supply rail can be
easily found.
5V is a standard voltage in most applications, it is chosen for
the supply rail. Extra supply voltage creates headroom that
allows the LM4903 to reproduce peaks in excess of 1W
without producing audible distortion. At this time, the de-
signer must make sure that the power supply choice along
with the output impedance does not violate the conditions
explained in the Power Dissipation section.
Once the power dissipation equations have been addressed,
the required differential gain can be determined from Equa-
tion 2.
(2)
R
f/Ri =AVD/2
From Equation 2, the minimum A
VD is 2.83; use AVD =3.
Since the desired input impedance was 20k
Ω, and with a
A
VD impedance of 2, a ratio of 1.5:1 of Rf to Ri results in an
allocation of R
i = 20k
Ω and R
f = 30k
Ω. The final design step
is to address the bandwidth requirements which must be
stated as a pair of −3dB frequency points. Five times away
from a −3dB point is 0.17dB down from passband response
which is better than the required ±0.25dB specified.
f
L = 100Hz/5 = 20Hz
f
H = 20kHz*5= 100kHz
As stated in the External Components section, R
i in con-
junction with C
i create a highpass filter.
C
i
≥ 1/(2π*20kΩ*20Hz) = 0.397µF; use 0.39µF
The high frequency pole is determined by the product of the
desired frequency pole, f
H, and the differential gain, AVD.
With a A
VD = 3 and fH = 100kHz, the resulting GBWP =
300kHz which is much smaller than the LM4903 GBWP of
2.5MHz. This figure displays that if a designer has a need to
design an amplifier with a higher differential gain, the
LM4903 can still be used without running into bandwidth
limitations.
The LM4903 is unity-gain stable and requires no external
components besides gain-setting resistors, an input coupling
capacitor, and proper supply bypassing in the typical appli-
cation. However, if a closed-loop differential gain of greater
than 10 is required, a feedback capacitor (C4) may be
needed as shown in Figure 2 to bandwidth limit the amplifier.
This feedback capacitor creates a low pass filter that elimi-
nates possible high frequency oscillations. Care should be
taken when calculating the -3dB frequency in that an incor-
rect combination of R
3
and C
4
will cause rolloff before
20kHz. A typical combination of feedback resistor and ca-
pacitor that will not produce audio band high frequency rolloff
is R
3 = 20k
Ω and C
4 = 25pf. These components result in a
-3dB point of approximately 320kHz.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com