Electronic Components Datasheet Search
  English  ▼

X  

SIDA45E Datasheet(PDF) 2 Page - Vitec Power

Part # SIDA45E
Description  50W Desktop Power Supply for Industrial Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIDA45E Datasheet(HTML) 2 Page - Vitec Power

  SIDA45E Datasheet HTML 1Page - Vitec Power SIDA45E Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
50
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
1.35
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.7
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=115VAC
12
15
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
26
30
A
Efficiency
Io=Full Load, Vin=230VAC
70
75
80
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
15
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
10
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
* Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.5
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
*The Ripple & Noise which is under 3.3VDC at 2% max
Approvals and Compliance
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to Secondary
Primary to Secondary
4242
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to Ground (Not applicable for class II)
2121
VDC
Isolation Resistance
Test Voltage = 500VDC
50
MΩ
EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
Mechanical
Note:
1.
Dimensions are shown in inches or mm.
2.
Weight: 535-560gs approx.
3.
Optional output connector.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com