Electronic Components Datasheet Search
  English  ▼

X  

SIDA46 Datasheet(PDF) 1 Page - Vitec Power

Part # SIDA46
Description  50W Desktop Power Supply for Industrial Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIDA46 Datasheet(HTML) 1 Page - Vitec Power

  SIDA46 Datasheet HTML 1Page - Vitec Power SIDA46 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIDA46 SERIES
50W Desktop Power Supply for Industrial Equipment
– Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
– IEC-320-C14 input inlet
– Single Output Voltage Available From 5VDC Thru 50VDC
– Class I Insulation
– Operating temperature -20~70°C
– Input Surge Current, Over Voltage, and Over Load protection.
– CEC Level V, Energy Star 2.0,and RoHS compliance
3 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Max. Output Current
Total Regulation
Maximum Output Power
SIDA46-S02*
05 ~ 06 VDC
8.00 A Max
5%
40W
SIDA46-S03
06 ~ 08 VDC
7.50 ~ 5.62 A
5%
45W
SIDA46-S04
08 ~ 11 VDC
5.62 ~ 4.09 A
4%
45W
SIDA46-S05
11 ~ 13 VDC
4.09 ~ 3.46 A
3%
45W
SIDA46-S06
13 ~ 16 VDC
3.46 ~ 2.81 A
3%
45W
SIDA46-S07
16 ~ 21 VDC
3.12 ~ 2.38 A
3%
50W
SIDA46-S08
21 ~ 27 VDC
2.38 ~ 1.85 A
2%
50W
SIDA46-S09
27 ~ 33 VDC
1.85 ~ 1.51 A
2%
50W
SIDA46-S10
33 ~ 40 VDC
1.51 ~ 1.25 A
2%
50W
SIDA46-S11
40 ~ 50 VDC
1.25 ~ 1.00 A
2%
50W
* S02 is not approved by TUV-PSE.
Total Regulation is conditioned by below configuration
(S02: AWG16/5C/4FT output cable)
(S05: AWG18/3C/4FT output cable)
(S11: AWG18/2C/4FT output cable)
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
50
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
1.1
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.55
A
Low Line Inrush Current
Io=Full load, 25°C ,Cool start, Vin=115VAC
12
23
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
26
45
A
Efficiency
Io=Full Load, Vin=230VAC
83
85
88
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
15
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
16
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.5
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C


Similar Part No. - SIDA46

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIDA46-S02 Vitec-SIDA46-S02 Datasheet
373Kb / 2P
50W Desktop Power Supply for Industrial Equipment
SIDA46-S03 Vitec-SIDA46-S03 Datasheet
373Kb / 2P
50W Desktop Power Supply for Industrial Equipment
SIDA46-S04 Vitec-SIDA46-S04 Datasheet
373Kb / 2P
50W Desktop Power Supply for Industrial Equipment
SIDA46-S05 Vitec-SIDA46-S05 Datasheet
373Kb / 2P
50W Desktop Power Supply for Industrial Equipment
SIDA46-S06 Vitec-SIDA46-S06 Datasheet
373Kb / 2P
50W Desktop Power Supply for Industrial Equipment
More results

Similar Description - SIDA46

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIDA45E-SERIES Vitec-SIDA45E-SERIES Datasheet
436Kb / 2P
50W Desktop Power Supply for Industrial Equipment
SIDA45-SERIES Vitec-SIDA45-SERIES Datasheet
435Kb / 2P
50W Desktop Power Supply for Industrial Equipment
SIDA46-SERIES Vitec-SIDA46-SERIES Datasheet
373Kb / 2P
50W Desktop Power Supply for Industrial Equipment
SMDA50-SERIES Vitec-SMDA50-SERIES Datasheet
388Kb / 2P
50W Desktop Power Supply for Medical Equipment
SIDA45 Vitec-SIDA45 Datasheet
435Kb / 2P
50W Desktop Power Supply for Industrial Equipment
SIDA45E Vitec-SIDA45E Datasheet
436Kb / 2P
50W Desktop Power Supply for Industrial Equipment
STDA45 Vitec-STDA45 Datasheet
442Kb / 2P
50W Desktop Power Supply for I.T. Equipment
STDA45E Vitec-STDA45E Datasheet
439Kb / 2P
50W Desktop Power Supply for I.T. Equipment
STDA46 Vitec-STDA46 Datasheet
373Kb / 2P
50W Desktop Power Supply for I.T. Equipment
SMDA50 Vitec-SMDA50 Datasheet
388Kb / 2P
50W Desktop Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com