Electronic Components Datasheet Search
  English  ▼

X  

SIDA80 Datasheet(PDF) 1 Page - Vitec Power

Part # SIDA80
Description  80W Desktop Power Supply for Industrial Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIDA80 Datasheet(HTML) 1 Page - Vitec Power

  SIDA80 Datasheet HTML 1Page - Vitec Power SIDA80 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIDA80 SERIES
80W Desktop Power Supply for Industrial Equipment
– Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
– Active Power Factor Correction
– IEC-320-C14 input inlet
– Output Voltage Available From 11VDC Thru 48VDC
– Single Output
– Operating temperature -20~70°C
– Input Surge Current, Over Voltage, Over Load and Output Voltage Protection.
– CEC Level V, Energy Star 2.0,and RoHS compliance
– Class I Insulation
3 Year Warranty
Approvals:
Single Output
Model Number
Output Voltage
Output Current
Total Regulation
Maximum Output Power
SIDA80-S05
11 ~ 13 VDC
7.27 ~ 6.15 A
5%
80W
SIDA80-S06
13 ~ 16 VDC
6.15 ~ 5.00 A
5%
80W
SIDA80-S07
16 ~ 21 VDC
5.00 ~ 3.80 A
5%
80W
SIDA80-S08
21 ~ 27 VDC
3.80 ~ 2.96 A
5%
80W
SIDA80-S09
27 ~ 33 VDC
2.96 ~ 2.42 A
5%
80W
SIDA80-S10
33 ~ 40 VDC
2.42 ~ 2.00 A
5%
80W
SIDA80-S11
40 ~ 48 VDC
2.00 ~ 1.66 A
5%
80W
Total Regulation is conditioned by below configuration
(S05: AWG18/3C+AWG20/2C/ 4FT output cable)
(S06: AWG16/2C/4FT output cable)
(S07: AWG16/2C/6FT output cable)
(S08~S09: AWG18/2C/6FT output cable)
(S10~S11: AWG20/2C/6FT output cable)
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
260
VAC
Input Frequency
47
63
Hz
Power Factor Correction
Io=Full load, Vin=90~260VAC
0.95
0.97
1.00
Output Power Range
Vin=90 to 264VAC
0
80
W
Input Current (Low Line)
Io=Full load, Vin=110VAC
1.07
A
Input Current (High Line)
Io=Full load, Vin=240VAC
0.5
A
Low Line Inrush Current
Io=Full load, 25°C ,Cool start, Vin=115VAC
42
45
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
88
92
A
Efficiency
Io=Full Load, Vin=230VAC
87
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
7
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
16
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.5
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
No-Load Power Consumption
No load, Vin=230VAC
0.5
W


Similar Part No. - SIDA80

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIDA80-S05 Vitec-SIDA80-S05 Datasheet
371Kb / 2P
80W Desktop Power Supply for Industrial Equipment
SIDA80-S06 Vitec-SIDA80-S06 Datasheet
371Kb / 2P
80W Desktop Power Supply for Industrial Equipment
SIDA80-S07 Vitec-SIDA80-S07 Datasheet
371Kb / 2P
80W Desktop Power Supply for Industrial Equipment
SIDA80-S08 Vitec-SIDA80-S08 Datasheet
371Kb / 2P
80W Desktop Power Supply for Industrial Equipment
SIDA80-S09 Vitec-SIDA80-S09 Datasheet
371Kb / 2P
80W Desktop Power Supply for Industrial Equipment
More results

Similar Description - SIDA80

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SIDA16A-SERIES Vitec-SIDA16A-SERIES Datasheet
422Kb / 2P
15W Desktop Power Supply For Industrial Equipment
SIDA65-SERIES Vitec-SIDA65-SERIES Datasheet
418Kb / 2P
80W Desktop Power Supply for Industrial Equipment
SIDA80-SERIES Vitec-SIDA80-SERIES Datasheet
371Kb / 2P
80W Desktop Power Supply for Industrial Equipment
SIFA80-SERIES Vitec-SIFA80-SERIES Datasheet
451Kb / 2P
80W Open Frame Power Supply for Industrial Equipment
SIUA80-SERIES Vitec-SIUA80-SERIES Datasheet
455Kb / 2P
80W U-Bracket Power Supply for Industrial Equipment
SIUA81-SERIES Vitec-SIUA81-SERIES Datasheet
453Kb / 2P
80W U-Bracket Power Supply for Industrial Equipment
SIUA81 Vitec-SIUA81 Datasheet
453Kb / 2P
80W U-Bracket Power Supply for Industrial Equipment
SIDA65 Vitec-SIDA65 Datasheet
418Kb / 2P
80W Desktop Power Supply for Industrial Equipment
STDA65 Vitec-STDA65 Datasheet
423Kb / 2P
80W Desktop Power Supply for I.T. Equipment
STDA80 Vitec-STDA80 Datasheet
374Kb / 2P
80W Desktop Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com