Electronic Components Datasheet Search
  English  ▼

X  

LM4917SD Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4917SD
Description  Ground-Referenced, 95mW Stereo Headphone Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4917SD Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM4917SD Datasheet HTML 10Page - National Semiconductor (TI) LM4917SD Datasheet HTML 11Page - National Semiconductor (TI) LM4917SD Datasheet HTML 12Page - National Semiconductor (TI) LM4917SD Datasheet HTML 13Page - National Semiconductor (TI) LM4917SD Datasheet HTML 14Page - National Semiconductor (TI) LM4917SD Datasheet HTML 15Page - National Semiconductor (TI) LM4917SD Datasheet HTML 16Page - National Semiconductor (TI) LM4917SD Datasheet HTML 17Page - National Semiconductor (TI) LM4917SD Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Application Information (Continued)
LM4917 REFERENCE DESIGN BOARDS
BILL OF MATERIALS
Part Description
Qty
Ref Designator
LM4917 Mono Reference Design Board
1
LM4917 Audio AMP
1
U1
Tantalum Cap 1µF 16V 10
1
Cs
Ceramic Cap 0.39µF 50V Z50 20
2
Ci
Resistor 20k
Ω 1/10W 5
4
Ri, Rf
Resistor 100k
Ω 1/10W 5
1
Rpu
Jumper Header Vertical Mount 2X1, 0.100
1
J1
PCB LAYOUT GUIDELINES
This section provides practical guidelines for mixed signal
PCB layout that involves various digital/analog power and
ground traces. Designers should note that these are only
"rule-of-thumb" recommendations and the actual results will
depend heavily on the final layout.
Minimization of THD
PCB trace impedance on the power, ground, and all output
traces should be minimized to achieve optimal THD perfor-
mance. Therefore, use PCB traces that are as wide as
possible for these connections. As the gain of the amplifier is
increased, the trace impedance will have an ever increasing
adverse affect on THD performance. At unity-gain (0dB) the
parasitic trace impedance effect on THD performance is
reduced but still a negative factor in the THD performance of
the LM4917 in a given application.
GENERAL MIXED SIGNAL LAYOUT
RECOMMENDATION
Power and Ground Circuits
For two layer mixed signal design, it is important to isolate
the digital power and ground trace paths from the analog
power and ground trace paths. Star trace routing techniques
(bringing individual traces back to a central point rather than
daisy chaining traces together in a serial manner) can
greatly enhance low level signal performance. Star trace
routing refers to using individual traces to feed power and
ground to each circuit or even device. This technique will
require a greater amount of design time, but will not increase
the final price of the board. The only extra parts required may
be some jumpers.
Single-Point Power / Ground Connections
The analog power traces should be connected to the digital
traces through a single point (link). A "PI-filter" can be helpful
in minimizing high frequency noise coupling between the
analog and digital sections. Further, place digital and analog
power traces over the corresponding digital and analog
ground traces to minimize noise coupling.
Placement of Digital and Analog Components
All digital components and high-speed digital signal traces
should be located as far away as possible from analog
components and circuit traces.
Avoiding Typical Design / Layout Problems
Avoid ground loops or running digital and analog traces
parallel to each other (side-by-side) on the same PCB layer.
When traces must cross over each other do it at 90 degrees.
Running digital and analog traces at 90 degrees to each
other from the top to the bottom side as much as possible will
minimize capacitive noise coupling and cross talk.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com