Electronic Components Datasheet Search
  English  ▼

X  

LMH6560 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6560
Description  Quad, High-Speed, Closed-Loop Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6560 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LMH6560 Datasheet HTML 14Page - National Semiconductor (TI) LMH6560 Datasheet HTML 15Page - National Semiconductor (TI) LMH6560 Datasheet HTML 16Page - National Semiconductor (TI) LMH6560 Datasheet HTML 17Page - National Semiconductor (TI) LMH6560 Datasheet HTML 18Page - National Semiconductor (TI) LMH6560 Datasheet HTML 19Page - National Semiconductor (TI) LMH6560 Datasheet HTML 20Page - National Semiconductor (TI) LMH6560 Datasheet HTML 21Page - National Semiconductor (TI) LMH6560 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Application Notes (Continued)
noticeable. This causes a distinctive dip in the output fre-
quency sweep and this dip varies depending upon the par-
ticular capacitor as seen in Figure 10.
To minimize peaking due to C
L a series resistor for the
purpose of isolation from the output stage should be used. A
low valued resistor will minimize the influence of such a load
capacitor. In a 50
Ω system as is common in high frequency
circuits a 50
Ω series resistor is often used. Usage of the
series resistor, as seen in Figure 11 eliminates the peaking
but not the dip. The dip will vary with the particular capacitor.
Using a resistor in series with a capacitor creates a rolloff of
6db/octave. Choice of a higher valued resistor, for example
500
Ω to 1kΩ, and a capacitor of hundreds of pf’s provides
the expected response at lower frequencies. However, at
high frequencies the internal inductance is appreciable and
forms with the capacitor a series LC combination.
USING GROUND PLANES
A ground plane on a printed circuit board provides for a low
ohmic connection everywhere on the board for use in con-
necting supply voltages or grounds. Multilayer boards often
make use of inner conductive layers for routing supply volt-
ages. These supply voltage layers form a complete plane
rather than using discrete traces to connect the different
points together for the specified supply. Signal traces on the
other hand are routed on outside layers both top and bottom.
This allows for easy access for measurement purposes.
Fortunately, only very high density boards have signal layers
in the middle of the board. In an earlier section, the formula
for Z was derived as:
(6)
The width of a trace is determined by the thickness of the
board. In the case of a multilayer board the thickness is the
space between the trace and the first supply plane under this
trace layer. By common practice, layers do not have to be
evenly divided in the construction of a pcb. Refer to Figure
12. The design of a transmission line design over a pcb is
based upon the thickness of the different internal layers and
the er of the board material. The pcb manufacturer can
supply information about important specifications. For ex-
ample, a nominal 1.6mm thick pcb produces a 50
Ω trace for
a calculated width of 2.9mm. If this layer has a thickness of
0.35mm and for the same er, the trace width for 50
Ω should
be of 0.63mm, as calculated from Equation 7, a derivation
from Equation 6.
(7)
Using a trace over a ground plane has big advantages over
the use of a standard single or double sided board. The main
advantage is that the electric field generated by the signal
transported over this trace is fixed between the trace and the
ground plane e.g. there is almost no possibility of radiation.
20064251
FIGURE 10.
20064252
FIGURE 11.
20064255
FIGURE 12.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com