Electronic Components Datasheet Search
  English  ▼

X  

LM5010MHX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5010MHX
Description  High Voltage 1A Step Down Switching Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5010MHX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5010MHX Datasheet HTML 1Page - National Semiconductor (TI) LM5010MHX Datasheet HTML 2Page - National Semiconductor (TI) LM5010MHX Datasheet HTML 3Page - National Semiconductor (TI) LM5010MHX Datasheet HTML 4Page - National Semiconductor (TI) LM5010MHX Datasheet HTML 5Page - National Semiconductor (TI) LM5010MHX Datasheet HTML 6Page - National Semiconductor (TI) LM5010MHX Datasheet HTML 7Page - National Semiconductor (TI) LM5010MHX Datasheet HTML 8Page - National Semiconductor (TI) LM5010MHX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM5010
High Voltage 1A Step Down Switching Regulator
General Description
The LM5010 Step Down Switching Regulator features all the
functions needed to implement a low cost, efficient, buck
bias regulator capable of supplying in excess of 1A load
current. This high voltage regulator contains an N-Channel
Buck Switch, and is available in thermally enhanced LLP-10
and TSSOP-14EP packages. The hysteretic regulation
scheme requires no loop compensation, results in fast load
transient response, and simplifies circuit implementation.
The operating frequency remains constant with line and load
variations due to the inverse relationship between the input
voltage and the on-time. The valley current limit detection is
set at 1.25A. Additional features include: V
CC under-voltage
lockout, thermal shutdown, gate drive under-voltage lockout,
and maximum duty cycle limiter.
Features
n
Input Voltage Range: 8V to 75V
n
Valley Current Limit At 1.25A
n
Switching Frequency Can Exceed 1 MHz
n
Integrated N-Channel Buck Switch
n
Integrated Startup Regulator
n
No Loop Compensation Required
n
Ultra-Fast Transient Response
n
Operating Frequency Remains Constant With Load and
Line Variations
n
Maximum Duty Cycle Limited During Startup
n
Adjustable Output Voltage
n
Precision 2.5V Feedback Reference
n
Thermal shutdown
Typical Applications
n
High Efficiency Point-Of-Load (POL) Regulator
n
Non-Isolated Telecommunications Buck Regulator
n
Secondary High Voltage Post Regulator
n
Automotive Systems
Package
n
LLP-10 (4 mmx4mm)
n
TSSOP-14EP
n
Both Packages Have Exposed Thermal Pad For
Improved Heat Dissipation
20119943
Basic Stepdown Regulator
October 2004
© 2004 National Semiconductor Corporation
DS201199
www.national.com


Similar Part No. - LM5010MHX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5010MHX TI1-LM5010MHX Datasheet
1Mb / 24P
High-Voltage 1-A Step-Down Switching Regulator
LM5010MHX/NOPB TI1-LM5010MHX/NOPB Datasheet
1Mb / 26P
High-Voltage 1-A Step-Down Switching Regulator
LM5010MHX/NOPB TI2-LM5010MHX/NOPB Datasheet
951Kb / 35P
LM5010 High-Voltage 1-A Step-Down Switching Regulator
REVISED APRIL 2016
LM5010MHX/NOPB.A TI2-LM5010MHX/NOPB.A Datasheet
951Kb / 35P
LM5010 High-Voltage 1-A Step-Down Switching Regulator
REVISED APRIL 2016
LM5010MHX/NOPB.B TI2-LM5010MHX/NOPB.B Datasheet
951Kb / 35P
LM5010 High-Voltage 1-A Step-Down Switching Regulator
REVISED APRIL 2016
More results

Similar Description - LM5010MHX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
1A STEP DOWN SWITCHING REGULATOR
May-2000
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
High Voltage 1A Step Down Switching Regulator
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
1A step-down switching regulator
16-Oct-2007
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
1A step down switching regulator
03-Apr-2007
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
1A, 52kHz, Step-Down Switching Regulator
logo
Linear Technology
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
1A, 2.2MHz Step-Down Switching Regulator
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
1A Micropower Step-Down Switching Regulator
logo
Guangdong Youtai Semico...
LM2591HV UMW-LM2591HV Datasheet
1Mb / 14P
1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com