Electronic Components Datasheet Search
  English  ▼

X  

SHDA100 Datasheet(PDF) 1 Page - Vitec Power

Part # SHDA100
Description  100W Desktop Power Supply for Medical Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SHDA100 Datasheet(HTML) 1 Page - Vitec Power

  SHDA100 Datasheet HTML 1Page - Vitec Power SHDA100 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SHDA100 SERIES
100W Desktop Power Supply for Medical Equipment
−
Wide Input Voltage 90 to 260 VAC, 47 to 63Hz,
−
Active Power Factor Correction
−
IEC-320-C14 input inlet
−
Output Voltage Available From 11VDC Thru 48VDC
−
Single Output
−
Class I Insulation
−
Input Surge Current, Over Voltage, Over Load and Output Voltage protection.
−
Energy Star 2.0, CEC V, and RoHS Compliance
2 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Max. Output Current
Total Regulation
Maximum
Output Power
SHDA100-S05
11 ~ 13 VDC
9.09 ~ 7.69 A
5%
100W
SHDA100-S06
13 ~ 16 VDC
7.69 ~ 6.25 A
4%
100W
SHDA100-S07
16 ~ 21 VDC
6.25 ~ 4.76 A
4%
100W
SHDA100-S08
21 ~ 27 VDC
4.76 ~ 3.70 A
4%
100W
SHDA100-S09
27 ~ 33 VDC
3.70 ~ 3.03 A
3%
100W
SHDA100-S11
40 ~ 48 VDC
2.50 ~ 2.08 A
3%
100W
The total regulation each model is required to use AWG#18/3C+AWG16/3C/4FT output cable
The regulation will be changed by modified output cable.
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
260
VAC
Input Frequency
47
63
Hz
Power Factor Correction
Io=Full load, Vin=230 VAC
0.95
1
Output Power Range
Vin= 90 to 264 VAC
0
100
W
Input Current (Low Line)
Io=Full load, Vin=115 VAC
1.35
A
Input Current (High Line)
Io=Full load, Vin= 230 VAC
0.5
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
44
50
A
High Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=230 VAC
85
100
A
Efficiency
Io=Full Load, Vin=230VAC
87
90
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
5
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
12
mS
Start Up Time
Io=Full Load,
Vin=100VAC
0.3
1.5
2
S
* Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io= Full Load, Vin=240VAC
0.15
0.25
mA
No-Load Power Consumption
No load, Vin=240VAC
0.5
W
Temperature Coefficient
All output
-0.04
0.04
%/°C


Similar Part No. - SHDA100

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SHDA100-S05 Vitec-SHDA100-S05 Datasheet
374Kb / 2P
100W Desktop Power Supply for Medical Equipment
SHDA100-S06 Vitec-SHDA100-S06 Datasheet
374Kb / 2P
100W Desktop Power Supply for Medical Equipment
SHDA100-S07 Vitec-SHDA100-S07 Datasheet
374Kb / 2P
100W Desktop Power Supply for Medical Equipment
SHDA100-S08 Vitec-SHDA100-S08 Datasheet
374Kb / 2P
100W Desktop Power Supply for Medical Equipment
SHDA100-S09 Vitec-SHDA100-S09 Datasheet
374Kb / 2P
100W Desktop Power Supply for Medical Equipment
More results

Similar Description - SHDA100

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SHDA31A-SERIES Vitec-SHDA31A-SERIES Datasheet
380Kb / 2P
30W Desktop Power Supply for Medical Equipment
SHDA63A-SERIES Vitec-SHDA63A-SERIES Datasheet
354Kb / 2P
63W Desktop Power Supply for Medical Equipment
SHDA63B-SERIES Vitec-SHDA63B-SERIES Datasheet
382Kb / 2P
63W Desktop Power Supply for Medical Equipment
SHDA100-SERIES Vitec-SHDA100-SERIES Datasheet
374Kb / 2P
100W Desktop Power Supply for Medical Equipment
SIDA100-SERIES Vitec-SIDA100-SERIES Datasheet
400Kb / 2P
100W Desktop Power Supply for Industrial Equipment
SMDA100-SERIES Vitec-SMDA100-SERIES Datasheet
428Kb / 2P
100W Desktop Power Supply for Medical Equipment
STDA100-SERIES Vitec-STDA100-SERIES Datasheet
399Kb / 2P
100W Desktop Power Supply for I.T. Equipment
SIDA100 Vitec-SIDA100 Datasheet
400Kb / 2P
100W Desktop Power Supply for Industrial Equipment
STDA100 Vitec-STDA100 Datasheet
399Kb / 2P
100W Desktop Power Supply for I.T. Equipment
SMDA100 Vitec-SMDA100 Datasheet
428Kb / 2P
100W Desktop Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com