Electronic Components Datasheet Search
  English  ▼

X  

STDA150 Datasheet(PDF) 1 Page - Vitec Power

Part # STDA150
Description  150W Desktop Power Supply for I.T. Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STDA150 Datasheet(HTML) 1 Page - Vitec Power

  STDA150 Datasheet HTML 1Page - Vitec Power STDA150 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STDA150 SERIES
150W Desktop Power Supply for I.T. Equipment
– Wide Input Voltage 90 to 260 VAC, 47 to 63Hz
– IEC-320-C14 input inlet
– Input Surge Current, Over Voltage, Over Load and Output Voltage Protection.
– Class I Insulation
– Active Power Factor Correction
– CEC Level V, Energy Star 2.0,and RoHS compliance
– ON/OFF Switch (Optional)
2 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Max. Output Current
Regulation
Max. Output Power
STDA150-S08
24 VDC
6.25 A
3%
150W
The total regulation on S08 required to use AWG#16 x2C/4FT output cable.
The regulation and efficiency will be changed by modified output cable.
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
260
VAC
Input Frequency
47
63
Hz
Power Factor Correction
Io=Full load, Vin=230VAC
0.95
1.00
Output Power Range
Vin=90 to 260VAC
0
150
W
Output Voltage Range
24
V
Output Current Range
6.25
A
Input Current (Low Line)
Io=Full load, Vin=115VAC
1.49
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.75
A
Low Line Inrush Current
Io=Full load, 25°C ,Cool start, Vin=115VAC
30
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
50
A
Efficiency
Io=Full Load, Vin=230VAC
88
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
5
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
20
mS
Start Up Time
Io=Full Load, Vin=100VAC
2
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC/60Hz
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C


Similar Part No. - STDA150

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STDA150-S08 Vitec-STDA150-S08 Datasheet
411Kb / 2P
150W Desktop Power Supply for I.T. Equipment
STDA150-SERIES Vitec-STDA150-SERIES Datasheet
411Kb / 2P
150W Desktop Power Supply for I.T. Equipment
More results

Similar Description - STDA150

ManufacturerPart #DatasheetDescription
logo
Vitec Power
MTDA40A-SERIES Vitec-MTDA40A-SERIES Datasheet
406Kb / 2P
40W Desktop Power Supply for I.T. Equipment
STDA40-SERIES Vitec-STDA40-SERIES Datasheet
436Kb / 2P
40W Desktop Power Supply for I.T. Equipment
STDA150-SERIES Vitec-STDA150-SERIES Datasheet
411Kb / 2P
150W Desktop Power Supply for I.T. Equipment
STDA20A Vitec-STDA20A Datasheet
389Kb / 2P
20W Desktop Power Supply for I.T. Equipment
STDA25B Vitec-STDA25B Datasheet
390Kb / 2P
25W Desktop Power Supply for I.T. Equipment
STDA40 Vitec-STDA40 Datasheet
436Kb / 2P
40W Desktop Power Supply for I.T. Equipment
STDA80 Vitec-STDA80 Datasheet
374Kb / 2P
80W Desktop Power Supply for I.T. Equipment
STDA131 Vitec-STDA131 Datasheet
405Kb / 2P
130W Desktop Power Supply for I.T. Equipment
ITDA180I Vitec-ITDA180I Datasheet
372Kb / 2P
180W Desktop Power Supply for I.T. Equipment
ITDA180T Vitec-ITDA180T Datasheet
304Kb / 2P
180W Desktop Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com