Electronic Components Datasheet Search
  English  ▼

X  

RT8092BAGWSC Datasheet(PDF) 17 Page - Richtek Technology Corporation

Part # RT8092BAGWSC
Description  High Efficiency Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8092BAGWSC Datasheet(HTML) 17 Page - Richtek Technology Corporation

Back Button RT8092BAGWSC Datasheet HTML 13Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 14Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 15Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 16Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 17Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 18Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 19Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 20Page - Richtek Technology Corporation RT8092BAGWSC Datasheet HTML 21Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
RT8092
17
DS8092-03 January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Setting the Output Voltage with Internal Feedback
Network
Besides defined initial output voltages in VSEL high and
VSEL low, the RT8092 can manually change voltage
reference from 0.3V to 0.7V by I
2C programming. The
difference among bank0 to bank3 is internal feedback
configuration. Then the output voltage can be designed
as following equation :
(BANK)
OUT
REF
V
= V
2
where VREF stand for reference voltage; BANK is 0 to 3,
for bank0 to bank3 separately.
The Flow Chart from Power-ON to Soft-Start
To summarize the above functions and judgments such
as VSEL function, internal feedback network selection at
power-on state, following chart shows the actions and
protections to clarify the time sequence and priority.
Figure 6. Flow chart of power-on state
ENABLE
Logic Check
Power Ready Detection
AVDD >1.6V?
No
Yes
Internal ENABLE =
High?
UVLO Protect
PVIN > 2.4V?
PVIN UVLO
Check
No
Yes
Yes
AVDD Deglitch
Deglitch time ~ 2µs
IC Load Initial Value
Settling time ~ 500µs
Vout Selection
VSEL = High?
Output
VOUT = 2.8V
Output
VOUT = 1.0V
Yes
No
AVDD
Power On
Soft-Start Begin
Soft-Start time ~ 400µs
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com