Electronic Components Datasheet Search
  English  ▼

X  

RT9078 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9078
Description  Low-Dropout Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9078 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9078 Datasheet HTML 1Page - Richtek Technology Corporation RT9078 Datasheet HTML 2Page - Richtek Technology Corporation RT9078 Datasheet HTML 3Page - Richtek Technology Corporation RT9078 Datasheet HTML 4Page - Richtek Technology Corporation RT9078 Datasheet HTML 5Page - Richtek Technology Corporation RT9078 Datasheet HTML 6Page - Richtek Technology Corporation RT9078 Datasheet HTML 7Page - Richtek Technology Corporation RT9078 Datasheet HTML 8Page - Richtek Technology Corporation RT9078 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT9078
®
DS9078-08 June 2017
www.richtek.com
1
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
2
μμμμμA I
Q, 300mA Low-Dropout Linear Regulator
Applications
Portable, Battery Powered Equipment
Ultra Low Power Microcontrollers
Notebook Computers
General Description
The RT9078 is a low-dropout (LDO) voltage regulators with
enable function that operates from 1.2V to 5.5V. It provides
up to 300mA of output current and offers low-power
operation in miniaturized packaging.
The features of low quiescent current as low as 2
μA and
almost zero disable current is ideal for powering the battery
equipment to a longer service life. The RT9078 is stable
with the ceramic output capacitor over its wide input range
from 1.2V to 5.5V and the entire range of output load
current (0mA to 300mA).
Features
2
μμμμμA Ground Current at no Load
PSRR = 75dB at 1kHz
Adjustable Output Voltage Available by Specific
Application
±±±±±2% Output Accuracy
300mA (VIN
≥≥≥≥≥ 1.7V) Output Current with EN
Low (0.1
μμμμμA) Disable Current
1.2V to 5.5V Operating Input Voltage
Dropout Voltage : 0.15V at 300mA when VOUT
≥≥≥≥≥ 3V
Support Fixed Output Voltage 0.8V, 1.0V, 1.05V, 1.1V,
1.2V, 1.25V, 1.3V, 1.5V, 1.8V, 1.85V, 2.5V, 2.8V, 2.85V,
3V, 3.1V, 3.3V
Stable with Ceramic or Tantalum Capacitor
Current Limit Protection
Over Temperature Protection
TSOT-23-5 and ZQFN-4L 1x1 (ZDFN-4L 1x1) Packages
Available
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Ordering Information
Note :
***Empty means Pin1 orientation is Quadrant 1
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Package Type
J5 : TSOT-23-5
QZ : ZQFN-4L 1x1 (Z-Type)
(ZDFN-4L 1x1)
RT9078/N-
Lead Plating System
G : Green (Halogen Free and Pb Free)
Output Voltage
08 : 0.8V
:
33 : 3.3V
1B : 1.25V
1H : 1.85V
2H : 2.85V
1K : 1.05V
Special Request : Any voltage between
0.8V and 3.3V under specific business
agreement
Pin Function
RT9078 : Without SNS Pin
RT9078N : With SNS Pin
Pin 1 Orientation
***
(2) : Quadrant 2, Follow EIA-481-D


Similar Part No. - RT9078

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9078 RICHTEK-RT9078 Datasheet
258Kb / 18P
2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
RT9078-08GJ5 RICHTEK-RT9078-08GJ5 Datasheet
258Kb / 18P
2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
RT9078-08GQZ RICHTEK-RT9078-08GQZ Datasheet
258Kb / 18P
2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
RT9078-1BGJ5 RICHTEK-RT9078-1BGJ5 Datasheet
258Kb / 18P
2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
RT9078-1BGQZ RICHTEK-RT9078-1BGQZ Datasheet
258Kb / 18P
2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
More results

Similar Description - RT9078

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
Low Dropout Linear Regulator
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
Low Dropout Linear Regulator
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
LOW-DROPOUT LINEAR REGULATOR
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
Low Dropout Linear Regulator
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
LOW DROPOUT LINEAR REGULATOR
Rev 4
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
low-dropout linear regulator.
logo
Diodes Incorporated
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
LOW DROPOUT LINEAR REGULATOR
July 2017
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com