Electronic Components Datasheet Search
  English  ▼

X  

RT8128C Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8128C
Description  High Efficiency Synchronous Buck PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8128C Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8128C Datasheet HTML 1Page - Richtek Technology Corporation RT8128C Datasheet HTML 2Page - Richtek Technology Corporation RT8128C Datasheet HTML 3Page - Richtek Technology Corporation RT8128C Datasheet HTML 4Page - Richtek Technology Corporation RT8128C Datasheet HTML 5Page - Richtek Technology Corporation RT8128C Datasheet HTML 6Page - Richtek Technology Corporation RT8128C Datasheet HTML 7Page - Richtek Technology Corporation RT8128C Datasheet HTML 8Page - Richtek Technology Corporation RT8128C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT8128A/C
3
DS8128A/C-03
March 2016
www.richtek.com
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Block Diagram
Operation
The controller with the Mach ResponseTM technology is
suitable for low external component count configuration
with appropriate amount of Equivalent Series Resistance
(ESR) capacitor(s) at the output. The output ripple valley
voltage is monitored at a feedback point voltage. Refer to
the function block diagrams of the RT8128A/C, the
synchronous high-side MOSFET is turned on at the
beginning of each cycle. After the internal one-shot timer
expires, the MOSFET is turned off. The pulse width of
this one-shot is determined by the converter's input and
output voltages to keep the frequency fairly constant over
the entire input voltage range. Another one-shot sets a
minimum off-time (400ns typ.).
The on-time one-shot comparator has two inputs. One
input looks at the output voltage, while the other input
samples the input voltage and converts it to a current.
This input voltage proportional current is used to charge
an internal on-time capacitor. The on-time is the time
required for the voltage on this capacitor to charge from
zero volt to VOUT, thereby making the on-time of the high-
side switch directly proportional to the output voltage and
inversely proportional to the input voltage. The
implementation results in a nearly constant switching
frequency without the need of a clock generator.
Min TOFF
COMP
VREF
S1
Q
Latch
S1
Q
Latch
+
-
OV
-
+
UV
125% VREF
67.5% VREF
Thermal
Shutdown
DEM
RT8128A
On-time
One-Shot
FB
UGATE
PHASE
GND
LGATE/OCSET
BOOT
EN
R
Q
S
+
-
VCC
PHASE
SS
POR
REF
VREF
+
-
Sample
and Hold
50µA
gm
VCC
+
-
PGOOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com